Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD64F2149 Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # HD64F2149
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1075 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2149 Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button HD64F2149 Datasheet HTML 26Page - Renesas Technology Corp HD64F2149 Datasheet HTML 27Page - Renesas Technology Corp HD64F2149 Datasheet HTML 28Page - Renesas Technology Corp HD64F2149 Datasheet HTML 29Page - Renesas Technology Corp HD64F2149 Datasheet HTML 30Page - Renesas Technology Corp HD64F2149 Datasheet HTML 31Page - Renesas Technology Corp HD64F2149 Datasheet HTML 32Page - Renesas Technology Corp HD64F2149 Datasheet HTML 33Page - Renesas Technology Corp HD64F2149 Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 1075 page
background image
Section 1 Overview
Rev. 3.00 Jan 18, 2006 page 2 of 1044
REJ09B0280-0300
Table 1.1
Overview
Item
Specifications
CPU
• General-register architecture
 Sixteen 16-bit general registers (also usable as sixteen 8-bit registers
or eight 32-bit registers)
• High-speed operation suitable for realtime control
 Maximum operating frequency: 10 MHz/3 V
 High-speed arithmetic operations
8/16/32-bit register-register add/subtract: 100 ns (10-MHz operation)
16
× 16-bit register-register multiply: 2000 ns (10-MHz operation)
32 ÷ 16-bit register-register divide: 2000 ns (10-MHz operation)
• Instruction set suitable for high-speed operation
 Sixty-five basic instructions
 8/16/32-bit transfer/arithmetic and logic instructions
 Unsigned/signed multiply and divide instructions
 Powerful bit-manipulation instructions
• Two CPU operating modes
 Normal mode: 64-kbyte address space
 Advanced mode: 16-Mbyte address space
Operating modes
• Three MCU operating modes
External Data Bus
Mode
CPU Operating
Mode
Description
On-Chip
ROM
Initial
Value
Max.
Value
1
Normal
Expanded mode with
on-chip ROM disabled
Disabled
8 bits
16 bits
2
Advanced
Expanded mode with
on-chip ROM enabled
Enabled
8 bits
16 bits
Single-chip mode
None
3
Normal
Expanded mode with
on-chip ROM enabled
Enabled
8 bits
16 bits
Single-chip mode
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com