Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD64F2149 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HD64F2149
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1075 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2149 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button HD64F2149 Datasheet HTML 3Page - Renesas Technology Corp HD64F2149 Datasheet HTML 4Page - Renesas Technology Corp HD64F2149 Datasheet HTML 5Page - Renesas Technology Corp HD64F2149 Datasheet HTML 6Page - Renesas Technology Corp HD64F2149 Datasheet HTML 7Page - Renesas Technology Corp HD64F2149 Datasheet HTML 8Page - Renesas Technology Corp HD64F2149 Datasheet HTML 9Page - Renesas Technology Corp HD64F2149 Datasheet HTML 10Page - Renesas Technology Corp HD64F2149 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 1075 page
background image
Rev. 3.00 Jan 18, 2006 page vii of xxviii
Main Revisions in This Edition
Item
Page
Revision (See Manual for Details)
All
—
All references to Hitachi, Hitachi, Ltd., Hitachi Semiconductors,
and other Hitachi brand names changed to Renesas
Technology Corp. Designation for categories changed from
“series” to “group”
4.5 Stack Status
after Exception
Handling
Figure 4.5(2) Stack
Status after Exception
Handling (Advanced
Mode)
99
Note
* deleted from figure 4.5(2)
104
Note *4 added to table 5.2
Name
Abbreviation
R/W
Initial Value
Address*
1
Wakeup event interrupt mask
register B
WUEMRB
R/W
H'FF
H'FE44*
4
5.1.4 Register
Configuration
Table 5.2 Interrupt
Controller Registers
Note: 4. When setting WUEMRB, the MSTP0 bit in MSTPCRL
must be cleared to 0.
8.12.3 Pin Functions
Table 8.24 Port B
Pin Functions
264
Note
* added to table 8.24
Pin
Selection Method and Pin Functions
PB0/D0/
WUE0/
HIRQ3/
LSMI
The pin function is switched as shown below according to the combination of
the operating mode, bits HI12E and CS3E in SYSCR2, bit ABW in WSCR, and
bit PB0DDR.
Operating
mode
Mode 1,
modes 2 and 3 (EXPE = 1)
Modes 2, 3
(EXPE = 0)
LSMIE
—
01
HI12E
—
1
—*
CS3E
—
Either cleared
to 0
1
—*
ABW
0
1
——
—
PB0DDR
—
01
011
—*
Pin function
D0
I/O pin
PB0
input
pin
PB0
output
pin
PB0
input
pin
PB0
output
pin
HIRQ3
output
pin
LSMI
output
pin
LSMI input pin
WUE0 input pin
Note:
*
When bit LSCIE is set to 1 in HICR0, bits HI12E and PB0DDR
should be cleared to 0.
Except when used as a data bus pin, this pin can always be used as the
WUE0 input pin.
The HIRQ3 output pin and
LSMI I/O pin can only be used in mode 2 or 3
(EXPE = 0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com