Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 346 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 346 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 342Page - Renesas Technology Corp H8SX1663 Datasheet HTML 343Page - Renesas Technology Corp H8SX1663 Datasheet HTML 344Page - Renesas Technology Corp H8SX1663 Datasheet HTML 345Page - Renesas Technology Corp H8SX1663 Datasheet HTML 346Page - Renesas Technology Corp H8SX1663 Datasheet HTML 347Page - Renesas Technology Corp H8SX1663 Datasheet HTML 348Page - Renesas Technology Corp H8SX1663 Datasheet HTML 349Page - Renesas Technology Corp H8SX1663 Datasheet HTML 350Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 346 / 1158 page
background image
Section 6 Bus Controller (BSC)
Rev.1.00 Jun. 07, 2006 Page 294 of 1102
REJ09B0294-0100
(2) Write after Read
If an external write occurs after an external read while bit IDLS0 in IDLCR is set to 1, idle cycles
specified by bits IDLCA1 and IDLCA0 when bit IDLSELn in IDLCR is cleared to 0 when
IDLSELn = 0, or bits IDLCB1 and IDLCB0 when IDLSELn is set to 1 are inserted at the start of
the write cycle (n = 0 to 7).
Figure 6.91 shows an example of the operation in this case. In this example, bus cycle A is a read
cycle for ROM with a long output floating time, and bus cycle B is a CPU write cycle. In (a), an
idle cycle is not inserted, and a conflict occurs in bus cycle B between the read data from ROM
and the CPU write data. In (b), an idle cycle is inserted, and a data conflict is prevented.
Data hold
time is long.
Data conflict
Bus cycle A
Bus cycle B
B
φ
Address bus
CS (area A)
CS (area B)
RD
LLWR
Data bus
T
1
T
2
T
3
T
1
T
2
(b) Idle cycle inserted
Bus cycle A
Bus cycle B
T
1
T
2
T
3
T
1
T
i
T
2
(a) No idle cycle inserted
(IDLS0 = 0)
(IDLS0 = 1, IDLSELn = 0, IDLCA1 = 0, IDLCA0 = 0)
Figure 6.91 Example of Idle Cycle Operation (Write after Read)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com