Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 348 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 348 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 344Page - Renesas Technology Corp H8SX1663 Datasheet HTML 345Page - Renesas Technology Corp H8SX1663 Datasheet HTML 346Page - Renesas Technology Corp H8SX1663 Datasheet HTML 347Page - Renesas Technology Corp H8SX1663 Datasheet HTML 348Page - Renesas Technology Corp H8SX1663 Datasheet HTML 349Page - Renesas Technology Corp H8SX1663 Datasheet HTML 350Page - Renesas Technology Corp H8SX1663 Datasheet HTML 351Page - Renesas Technology Corp H8SX1663 Datasheet HTML 352Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 348 / 1158 page
background image
Section 6 Bus Controller (BSC)
Rev.1.00 Jun. 07, 2006 Page 296 of 1102
REJ09B0294-0100
(4) External Access after Single Address Transfer Write
If an external access occurs after a single address transfer write while bit IDLS3 in IDLCR is set
to 1, idle cycles specified by bits IDLCA1 and IDLCA0 are inserted at the start of the external
access (n = 0 to 7).
Figure 6.93 shows an example of the operation in this case. In this example, bus cycle A is a
single address transfer (write cycle) and bus cycle B is a CPU write cycle. In (a), an idle cycle is
not inserted, and a conflict occurs in bus cycle B between the external device write data and this
LSI write data. In (b), an idle cycle is inserted, and a data conflict is prevented.
Output floating
time is long.
Data conflict
Bus cycle A
Bus cycle B
(a) No idle cycle inserted
(IDLS3 = 0)
B
φ
Address bus
CS (area A)
CS (area B)
LLWR
DACK
Data bus
T
1
T
2
T
3
T
1
T
2
(b) Idle cycle inserted
Bus cycle A
Bus cycle B
T
1
T
2
T
3
T
1
T
i
T
2
(IDLS3 = 1, IDLCA1 = 0, IDLCA0 = 0)
Figure 6.93 Example of Idle Cycle Operation (Write after Single Address Transfer Write)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com