Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 363 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 363 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 359Page - Renesas Technology Corp H8SX1663 Datasheet HTML 360Page - Renesas Technology Corp H8SX1663 Datasheet HTML 361Page - Renesas Technology Corp H8SX1663 Datasheet HTML 362Page - Renesas Technology Corp H8SX1663 Datasheet HTML 363Page - Renesas Technology Corp H8SX1663 Datasheet HTML 364Page - Renesas Technology Corp H8SX1663 Datasheet HTML 365Page - Renesas Technology Corp H8SX1663 Datasheet HTML 366Page - Renesas Technology Corp H8SX1663 Datasheet HTML 367Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 363 / 1158 page
background image
Section 6 Bus Controller (BSC)
Rev.1.00 Jun. 07, 2006 Page 311 of 1102
REJ09B0294-0100
6.16
Bus Arbitration
This LSI has bus arbiters that arbitrate bus mastership operations (bus arbitration). This LSI
incorporates internal access and external access bus arbiters that can be used and controlled
independently. The internal bus arbiter handles the CPU, DTC, and DMAC accesses. The external
bus arbiter handles the external access by the CPU, DTC, and DMAC, refresh, and external bus
release request (external bus master).
The bus arbiters determine priorities at the prescribed timing, and permit use of the bus by means
of the bus request acknowledge signal.
6.16.1
Operation
The bus arbiter detects the bus masters' bus request signals, and if the bus is requested, sends a bus
request acknowledge signal to the bus master. If there are bus requests from more than one bus
master, the bus request acknowledge signal is sent to the one with the highest priority. When a bus
master receives the bus request acknowledge signal, it takes possession of the bus until that signal
is canceled.
The priority of the internal bus arbitration:
DMAC > DTC > CPU
The priority of the external bus arbitration:
Refresh > External bus release request > External access by the CPU, DTC, or DMAC
If the DMAC or DTC accesses continue, the CPU can be given priority over the DMAC or DTC
to execute the bus cycles alternatively between them by setting the IBCCS bit in BCR2. In this
case, the priority between the DMAC and DTC does not change.
An internal bus access by the CPU, DTC, or DMAC, an external bus release, and the refresh can
be executed in parallel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com