| Electronic Components Datasheet Search |
|
H8SX1663 Datasheet(PDF) 359 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX1663 Datasheet(HTML) 359 Page - Renesas Technology Corp |
|
359 / 1158 page ![]() Section 6 Bus Controller (BSC) Rev.1.00 Jun. 07, 2006 Page 307 of 1102 REJ09B0294-0100 SD φ Address bus RAS CAS Precharge-sel NOP PALL NOP NOP Hi-Z Hi-Z Hi-Z [1] [2] [3] [4] [9] [5] [6] [7] [8] Hi-Z CS2 Hi-Z WE Hi-Z Hi-Z Hi-Z CKE BREQ BACK BREQO Hi-Z Data bus T 1 T 2 DQMLU, DQMLL External access cycle CPU cycle External bus released state [1] A low level of the BREQ signal is sampled at the rising edge of the Bφ signal. [2] The PALL command is issued. [3] The bus control signals are driven high at the end of the external access cycle. It takes two cycles or more after the low level of the BREQ signal is sampled. [4] The BACK signal is driven low, releasing bus to the external bus master. [5] The BREQ signal state sampling is continued in the external bus released state. [6] A high level of the BREQ signal is sampled. [7] The BACK signal is driven high, ending external bus release cycle after one cycle. [8] When the external space is accessed by an internal bus master or a refresh cycle is requested during external bus released while the BREQOE bit is set to 1, the BREQO signal goes low. [9] Normally the BREQO signal goes high at the rising edge of the BACK signal. Figure 6.100 Bus Released State Transition Timing (SRAM Interface is Used) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |