Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 358 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 358 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 354Page - Renesas Technology Corp H8SX1663 Datasheet HTML 355Page - Renesas Technology Corp H8SX1663 Datasheet HTML 356Page - Renesas Technology Corp H8SX1663 Datasheet HTML 357Page - Renesas Technology Corp H8SX1663 Datasheet HTML 358Page - Renesas Technology Corp H8SX1663 Datasheet HTML 359Page - Renesas Technology Corp H8SX1663 Datasheet HTML 360Page - Renesas Technology Corp H8SX1663 Datasheet HTML 361Page - Renesas Technology Corp H8SX1663 Datasheet HTML 362Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 358 / 1158 page
background image
Section 6 Bus Controller (BSC)
Rev.1.00 Jun. 07, 2006 Page 306 of 1102
REJ09B0294-0100
6.13.3
Transition Timing
Figures 6.99 and 6.100 show the timing of transition to the bus released state.
B
φ
Address bus
CSn
LHWR, LLWR
AS
Hi-Z
Hi-Z
[1]
[2]
[3]
[4]
[7]
[5]
[6]
[8]
Hi-Z
Hi-Z
Hi-Z
Hi-Z
RD
BREQ
BACK
BREQO
External space
access cycle
CPU cycle
External bus released state
Data bus
T
1
T
2
[1] A low level of the
BREQ signal is sampled at the rising edge of the Bφ signal.
[2] The bus control signals are driven high at the end of the external space access cycle. It takes two cycles or
more after the low level of the
BREQ signal is sampled.
[3] The
BACK signal is driven low, releasing bus to the external bus master.
[4] The
BREQ signal state sampling is continued in the external bus released state.
[5] A high level of the
BREQ signal is sampled.
[6] The external bus released cycles are ended one cycle after the
BREQ signal is driven high.
[7] When the external space is accessed by an internal bus master during external bus released while the BREQOE
bit is set to 1, the
BREQO signal goes low.
[8] Normally the
BREQO signal goes high at the rising edge of the BACK signal.
Figure 6.99 Bus Released State Transition Timing (SRAM Interface is Not Used)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com