Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 356 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 356 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 352Page - Renesas Technology Corp H8SX1663 Datasheet HTML 353Page - Renesas Technology Corp H8SX1663 Datasheet HTML 354Page - Renesas Technology Corp H8SX1663 Datasheet HTML 355Page - Renesas Technology Corp H8SX1663 Datasheet HTML 356Page - Renesas Technology Corp H8SX1663 Datasheet HTML 357Page - Renesas Technology Corp H8SX1663 Datasheet HTML 358Page - Renesas Technology Corp H8SX1663 Datasheet HTML 359Page - Renesas Technology Corp H8SX1663 Datasheet HTML 360Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 356 / 1158 page
background image
Section 6 Bus Controller (BSC)
Rev.1.00 Jun. 07, 2006 Page 304 of 1102
REJ09B0294-0100
6.13
Bus Release
This LSI can release the external bus in response to a bus request from an external device. In the
external bus released state, the internal bus master continue operation as long as there is no
external access.
In addition, in the external bus released state, the
BREQO signal can be driven low to output a bus
request externally.
6.13.1
Operation
In external extended mode, when the BRLE bit in BCR1 is set to 1, and the ICR bit for the
corresponding pin is set to 1, the bus can be released to the external. Driving the
BREQ pin low
issues an external bus request to this LSI. When the
BREQ pin is sampled, at the prescribed
timing, the
BACK pin is driven low, and the address bus, data bus, and bus control signals are
placed in the high-impedance state, establishing the external bus released state. For ICR, see
section 9, I/O Ports.
In the external bus released state, the CPU, DTC, and DMAC can access the internal space using
the internal bus. When any one of the CPU, DTC, and DMAC attempts to accesses the external
address space, it temporarily defers initiation of the bus cycle, and waits for the bus request from
the external bus master to be canceled.
In the external bus released state, certain operations are suspended as follows until the bus request
from the external bus master is canceled:
• When a refresh is requested, refresh control is suspended.
• When the SLEEP instruction is executed to enter software standby mode or all-module clock-
stop mode, control for software standby mode or all-module clock-stop mode is suspended.
• When SCKCR is written to set the clock frequencies, changing of clock frequencies is
suspended. For SCKCR, see section 22, Clock Pulse Generator.
If the BREQOE bit in BCR1is set to 1, the
BREQO pin can be driven low to request cancellation
of the bus request when any of the following requests are issued.
• When any one of the CPU, DTC, and DMAC attempts to access the external address space
• When a refresh is requested
• When a SLEEP instruction is executed to place the chip in software standby mode or all-
module-clock-stop mode
• When SCKCR is written to set the clock frequencies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com