Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 455 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 455 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 451Page - Renesas Technology Corp H8SX1663 Datasheet HTML 452Page - Renesas Technology Corp H8SX1663 Datasheet HTML 453Page - Renesas Technology Corp H8SX1663 Datasheet HTML 454Page - Renesas Technology Corp H8SX1663 Datasheet HTML 455Page - Renesas Technology Corp H8SX1663 Datasheet HTML 456Page - Renesas Technology Corp H8SX1663 Datasheet HTML 457Page - Renesas Technology Corp H8SX1663 Datasheet HTML 458Page - Renesas Technology Corp H8SX1663 Datasheet HTML 459Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 455 / 1158 page
background image
Section 8 Data Transfer Controller (DTC)
Rev.1.00 Jun. 07, 2006 Page 403 of 1102
REJ09B0294-0100
Bit
Bit Name
Initial
Value
R/W
Description
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DTCE15
DTCE14
DTCE13
DTCE12
DTCE11
DTCE10
DTCE9
DTCE8
DTCE7
DTCE6
DTCE5
DTCE4
DTCE3
DTCE2
DTCE1
DTCE0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
DTC Activation Enable 15 to 0
Setting this bit to 1 specifies a relevant interrupt source to
a DTC activation source.
[Clearing conditions]
• When writing 0 to the bit to be cleared after reading 1
• When the DISEL bit is 1 and the data transfer has
ended
• When the specified number of transfers have ended
These bits are not cleared when the DISEL bit is 0 and
the specified number of transfers have not ended
8.2.8
DTC Control Register (DTCCR)
DTCCR specifies transfer information read skip.
Bit
Bit Name
Initial Value
R/W
Note: * Only 0 can be written to clear the flag.
7
0
R/W
6
0
R/W
5
0
R/W
4
RRS
0
R/W
3
RCHNE
0
R/W
2
0
R
1
0
R
0
ERR
0
R/(W)*
Bit
Bit Name
Initial
Value
R/W
Description
7 to 5
All 0
R/W
Reserved
These bits are always read as 0. The write value should
always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com