Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 456 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 456 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 452Page - Renesas Technology Corp H8SX1663 Datasheet HTML 453Page - Renesas Technology Corp H8SX1663 Datasheet HTML 454Page - Renesas Technology Corp H8SX1663 Datasheet HTML 455Page - Renesas Technology Corp H8SX1663 Datasheet HTML 456Page - Renesas Technology Corp H8SX1663 Datasheet HTML 457Page - Renesas Technology Corp H8SX1663 Datasheet HTML 458Page - Renesas Technology Corp H8SX1663 Datasheet HTML 459Page - Renesas Technology Corp H8SX1663 Datasheet HTML 460Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 456 / 1158 page
background image
Section 8 Data Transfer Controller (DTC)
Rev.1.00 Jun. 07, 2006 Page 404 of 1102
REJ09B0294-0100
Bit
Bit Name
Initial
Value
R/W
Description
4
RRS
0
R/W
DTC Transfer Information Read Skip Enable
Controls the vector address read and transfer
information read. A DTC vector number is always
compared with the vector number for the previous
activation. If the vector numbers match and this bit is
set to 1, the DTC data transfer is started without
reading a vector address and transfer information. If the
previous DTC activation is a chain transfer, the vector
address read and transfer information read are always
performed.
0: Transfer read skip is not performed.
1: Transfer read skip is performed when the vector
numbers match.
3
RCHNE
0
R/W
Chain Transfer Enable After DTC Repeat Transfer
Enables/disables the chain transfer while transfer
counter (CRAL) is 0 in repeat transfer mode.
In repeat transfer mode, the CRAH value is written to
CRAL when CRAL is 0. Accordingly, chain transfer may
not occur when CRAL is 0. If this bit is set to 1, the
chain transfer is enabled when CRAH is written to
CRAL.
0: Disables the chain transfer after repeat transfer
1: Enables the chain transfer after repeat transfer
2, 1
All 0
R
Reserved
These are read-only bits and cannot be modified.
0
ERR
0
R/(W)* Transfer Stop Flag
Indicates that an address error or an NMI interrupt
occurs. If an address error or an NMI interrupt occurs,
the DTC stops.
0: No interrupt occurs
1: An interrupt occurs
[Clearing condition]
• When writing 0 after reading 1
Note:
*
Only 0 can be written to clear this flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com