Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 469 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 469 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 465Page - Renesas Technology Corp H8SX1663 Datasheet HTML 466Page - Renesas Technology Corp H8SX1663 Datasheet HTML 467Page - Renesas Technology Corp H8SX1663 Datasheet HTML 468Page - Renesas Technology Corp H8SX1663 Datasheet HTML 469Page - Renesas Technology Corp H8SX1663 Datasheet HTML 470Page - Renesas Technology Corp H8SX1663 Datasheet HTML 471Page - Renesas Technology Corp H8SX1663 Datasheet HTML 472Page - Renesas Technology Corp H8SX1663 Datasheet HTML 473Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 469 / 1158 page
background image
Section 8 Data Transfer Controller (DTC)
Rev.1.00 Jun. 07, 2006 Page 417 of 1102
REJ09B0294-0100
8.5.6
Block Transfer Mode
In block transfer mode, one operation transfers one block of data. Either the transfer source or the
transfer destination is designated as a block area by the DTS bit in MRB.
The block size is 1 to 256 bytes (1 to 256 words, or 1 to 256 longwords). When the transfer of one
block ends, the block size counter (CRAL) and address register (SAR when DTS = 1 or DAR
when DTS = 0) specified as the block area is restored to the initial state. The other address register
is then incremented, decremented, or left fixed. From 1 to 65,536 transfers can be specified. When
the specified number of transfers ends, an interrupt is requested to the CPU.
Table 8.8 lists the register function in block transfer mode. Figure 8.9 shows the memory map in
block transfer mode.
Table 8.8
Register Function in Block Transfer Mode
Register Function
Written Back Value
SAR
Source address
DTS =0: Incremented/decremented/fixed*
DTS = 1: SAR initial value
DAR
Destination address
DTS = 0: DAR initial value
DTS =1: Incremented/decremented/fixed*
CRAH
Block size storage
CRAH
CRAL
Block size counter
CRAH
CRB
Block transfer counter
CRB
− 1
Note:
*
Transfer information writeback is skipped.
Transfer source data area
Transfer destination data area
(specified as block area)
Block area
DAR
SAR
:
:
Transfer
1st block
Nth block
Figure 8.9 Memory Map in Block Transfer Mode
(When Transfer Destination is Specified as Block Area)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com