| Electronic Components Datasheet Search |
|
H8SX1663 Datasheet(PDF) 475 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX1663 Datasheet(HTML) 475 Page - Renesas Technology Corp |
|
475 / 1158 page ![]() Section 8 Data Transfer Controller (DTC) Rev.1.00 Jun. 07, 2006 Page 423 of 1102 REJ09B0294-0100 8.6 DTC Activation by Interrupt The procedure for using the DTC with interrupt activation is shown in figure 8.15. Clearing the RRS bit in DTCCR to 0 clears the read skip flag of transfer information. Read skip is not performed when the DTC is activated after clearing the RRS bit. When updating transfer information, the RRS bit must be cleared. Set the MRA, MRB, SAR, DAR, CRA, and CRB transfer information in the data area. For details on setting transfer information, see section 8.2, Register Descriptions. For details on location of transfer information, see section 8.4, Location of Transfer Information and DTC Vector Table. Set the start address of the transfer information in the DTC vector table. For details on setting DTC vector table, see section 8.4, Location of Transfer Information and DTC Vector Table. Setting the RRS bit to 1 performs a read skip of second time or later transfer information when the DTC is activated consecu- tively by the same interrupt source. Setting the RRS bit to 1 is always allowed. However, the value set during transfer will be valid from the next transfer. Set the bit in DTCER corresponding to the DTC activation interrupt source to 1. For the correspondence of interrupts and DTCER, refer to table 8.1. The bit in DTCER may be set to 1 on the second or later transfer. In this case, setting the bit is not needed. Set the enable bits for the interrupt sources to be used as the activation sources to 1. The DTC is activated when an interrupt used as an activation source is generated. For details on the settings of the interrupt enable bits, see the corresponding descriptions of the corresponding module. After the end of one data transfer, the DTC clears the activation source flag or clears the corresponding bit in DTCER and requests an interrupt to the CPU. The operation after transfer depends on the transfer information. For details, see section 8.2, Register Descriptions and figure 8.4. DTC activation by interrupt Clear RRS bit in DTCCR to 0 Set transfer information (MRA, MRB, SAR, DAR, CRA, CRB) Set starts address of transfer information in DTC vector table Set RRS bit in DTCCR to 1 Set corresponding bit in DTCER to 1 Set enable bit of interrupt request for activation source to 1 Interrupt request generated DTC activated Corresponding bit in DTCER cleared or CPU interrupt requested Transfer end [1] [2] [3] [4] [5] [6] [7] [1] [2] [3] [4] [5] [6] [7] Determine clearing method of activation source Clear activation source Clear corresponding bit in DTCER Figure 8.15 DTC with Interrupt Activation |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |