Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 509 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 509 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 505Page - Renesas Technology Corp H8SX1663 Datasheet HTML 506Page - Renesas Technology Corp H8SX1663 Datasheet HTML 507Page - Renesas Technology Corp H8SX1663 Datasheet HTML 508Page - Renesas Technology Corp H8SX1663 Datasheet HTML 509Page - Renesas Technology Corp H8SX1663 Datasheet HTML 510Page - Renesas Technology Corp H8SX1663 Datasheet HTML 511Page - Renesas Technology Corp H8SX1663 Datasheet HTML 512Page - Renesas Technology Corp H8SX1663 Datasheet HTML 513Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 509 / 1158 page
background image
Section 9 I/O Ports
Rev.1.00 Jun. 07, 2006 Page 457 of 1102
REJ09B0294-0100
(6) P60/TMRI2/TxD4/
DREQ2/IRQ8-B
The pin function is switched as shown below according to the combination of the SCI register
setting and P60DDR bit setting.
Setting
SCI
I/O Port
Module Name
Pin Function
TxD4_OE
P60DDR
SCI
TxD4 output
1
P60 output
0
1
I/O port
P60 input
(initial setting)
0
0
9.2.6
Port A
(1) PA7/B
φ
The pin function is switched as shown below according to the PA7DDR bit setting.
Setting
I/O Port
Module Name
Pin Function
PA7DDR
I/O port
B
φ output*
(initial setting E)
1
PA7 input
(initial setting S)
0
[Legend]
Initial setting E:
Initial setting in external extended mode
Initial setting S:
Initial setting in single-chip mode
Note:
*
The type of
φ to be output switches according to the POSEL1 bit in SCKCR. For details,
see section 22.1.1, System Clock Control Register (SCKCR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com