Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 513 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 513 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 509Page - Renesas Technology Corp H8SX1663 Datasheet HTML 510Page - Renesas Technology Corp H8SX1663 Datasheet HTML 511Page - Renesas Technology Corp H8SX1663 Datasheet HTML 512Page - Renesas Technology Corp H8SX1663 Datasheet HTML 513Page - Renesas Technology Corp H8SX1663 Datasheet HTML 514Page - Renesas Technology Corp H8SX1663 Datasheet HTML 515Page - Renesas Technology Corp H8SX1663 Datasheet HTML 516Page - Renesas Technology Corp H8SX1663 Datasheet HTML 517Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 513 / 1158 page
background image
Section 9 I/O Ports
Rev.1.00 Jun. 07, 2006 Page 461 of 1102
REJ09B0294-0100
(7) PA1/
BACK/(RD/WR)
The pin function is switched as shown below according to the combination of operating mode,
EXPE bit, bus controller register, port function control register (PFCR), and the PA1DDR bit
settings.
Setting
Bus Controller
I/O Port
Module Name
Pin Function
BACK_OE
Byte control
SRAM
Selection
(RD/
WR)_OE
PA1DDR
BACK output *
1
0
1
Bus controller
RD/
WR output *
0
0
1
PA1 output
0
0
0
1
I/O port
PA1 input
(initial setting)
0
0
0
0
Note:
*
Valid in external extended mode (EXPE = 1)
(8) PA0/
BREQO/BS-A
The pin function is switched as shown below according to the combination of operating mode,
EXPE bit, bus controller register, port function control register (PFCR), and the PA0DDR bit
settings.
Setting
I/O Port
Bus Controller
I/O Port
Module Name
Pin Function
BSA_OE
BREQO_OE
PA0DDR
BS-A output*
1
Bus controller
BREQO output*
0
1
PA0 output
0
0
1
I/O port
PA0 input
(initial setting)
0
0
0
Note:
*
Valid in external extended mode (EXPE = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com