Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 634 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 634 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 630Page - Renesas Technology Corp H8SX1663 Datasheet HTML 631Page - Renesas Technology Corp H8SX1663 Datasheet HTML 632Page - Renesas Technology Corp H8SX1663 Datasheet HTML 633Page - Renesas Technology Corp H8SX1663 Datasheet HTML 634Page - Renesas Technology Corp H8SX1663 Datasheet HTML 635Page - Renesas Technology Corp H8SX1663 Datasheet HTML 636Page - Renesas Technology Corp H8SX1663 Datasheet HTML 637Page - Renesas Technology Corp H8SX1663 Datasheet HTML 638Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 634 / 1158 page
background image
Section 10 16-Bit Timer Pulse Unit (TPU)
Rev.1.00 Jun. 07, 2006 Page 582 of 1102
REJ09B0294-0100
10.10.12 Conflict between TCNT Write and Overflow/Underflow
If an overflow/underflow occurs due to increment/decrement in the T2 state of a TCNT write
cycle, the TCNT write takes precedence and the TCFV/TCFU flag in TSR is not set.
Figure 10.54 shows the operation timing when there is conflict between TCNT write and
overflow.
P
φ
TCNT
H'FFFF
TCFV flag
Address
Write
TCNT address
M
TCNT write data
T
1
T
2
TGR write cycle
Figure 10.54 Conflict between TCNT Write and Overflow
10.10.13 Multiplexing of I/O Pins
In this LSI, the TCLKA input pin is multiplexed with the TIOCC0 I/O pin, the TCLKB input pin
with the TIOCD0 I/O pin, the TCLKC input pin with the TIOCB1 I/O pin, and the TCLKD input
pin with the TIOCB2 I/O pin. When an external clock is input, compare match output should not
be performed from a multiplexed pin.
10.10.14 Interrupts and Module Stop Mode
If module stop state is entered when an interrupt has been requested, it will not be possible to clear
the CPU interrupt source or the DMAC or DTC activation source. Interrupts should therefore be
disabled before entering module stop state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com