Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 635 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 635 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 631Page - Renesas Technology Corp H8SX1663 Datasheet HTML 632Page - Renesas Technology Corp H8SX1663 Datasheet HTML 633Page - Renesas Technology Corp H8SX1663 Datasheet HTML 634Page - Renesas Technology Corp H8SX1663 Datasheet HTML 635Page - Renesas Technology Corp H8SX1663 Datasheet HTML 636Page - Renesas Technology Corp H8SX1663 Datasheet HTML 637Page - Renesas Technology Corp H8SX1663 Datasheet HTML 638Page - Renesas Technology Corp H8SX1663 Datasheet HTML 639Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 635 / 1158 page
background image
Section 11 Programmable Pulse Generator (PPG)
Rev.1.00 Jun. 07, 2006 Page 583 of 1102
REJ09B0294-0100
Section 11 Programmable Pulse Generator (PPG)
The programmable pulse generator (PPG) provides pulse outputs by using the 16-bit timer pulse
unit (TPU) as a time base. The PPG pulse outputs are divided into 4-bit groups (groups 3 to 0) that
can operate both simultaneously and independently. Figure 11.1 shows a block diagram of the
PPG.
11.1
Features
• 16-bit output data
• Four output groups
• Selectable output trigger signals
• Non-overlapping mode
• Can operate together with the data transfer controller (DTC) and DMA controller (DMAC)
• Inverted output can be set
• Module stop state specifiable
Compare match signals
PO15
PO14
PO13
PO12
PO11
PO10
PO9
PO8
PO7
PO6
PO5
PO4
PO3
PO2
PO1
PO0
[Legend]
PMR:
PCR:
NDERH:
NDERL:
PPG output mode register
PPG output control register
Next data enable register H
Next data enable register L
NDRH:
NDRL:
PODRH:
PODRL:
Next data register H
Next data register L
Output data register H
Output data register L
Internal
data bus
Pulse output
pins, group 3
Pulse output
pins, group 2
Pulse output
pins, group 1
Pulse output
pins, group 0
PODRH
PODRL
NDRH
NDRL
Control logic
NDERH
PMR
NDERL
PCR
Figure 11.1 Block Diagram of PPG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com