Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 713 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 713 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 709Page - Renesas Technology Corp H8SX1663 Datasheet HTML 710Page - Renesas Technology Corp H8SX1663 Datasheet HTML 711Page - Renesas Technology Corp H8SX1663 Datasheet HTML 712Page - Renesas Technology Corp H8SX1663 Datasheet HTML 713Page - Renesas Technology Corp H8SX1663 Datasheet HTML 714Page - Renesas Technology Corp H8SX1663 Datasheet HTML 715Page - Renesas Technology Corp H8SX1663 Datasheet HTML 716Page - Renesas Technology Corp H8SX1663 Datasheet HTML 717Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 713 / 1158 page
background image
Section 15 Serial Communication Interface (SCI, IrDA, CRC)
Rev.1.00 Jun. 07, 2006 Page 661 of 1102
REJ09B0294-0100
Channel 6:
• Receive shift register_6 (RSR_6)
• Transmit shift register_6 (TSR_6)
• Receive data register_6 (RDR_6)
• Transmit data register_6 (TDR_6)
• Serial mode register_6 (SMR_6)
• Serial control register_6 (SCR_6)
• Serial status register_6 (SSR_6)
• Smart card mode register_6 (SCMR_6)
• Serial extended mode register_6 (SEMR_6)
• Bit rate register_6 (BRR_6)
15.3.1
Receive Shift Register (RSR)
RSR is a shift register which is used to receive serial data input from the RxD pin and converts it
into parallel data. When one frame of data has been received, it is transferred to RDR
automatically. RSR cannot be directly accessed by the CPU.
15.3.2
Receive Data Register (RDR)
RDR is an 8-bit register that stores receive data. When the SCI has received one frame of serial
data, it transfers the received serial data from RSR to RDR where it is stored. This allows RSR to
receive the next data. Since RSR and RDR function as a double buffer in this way, continuous
receive operations can be performed. After confirming that the RDRF bit in SSR is set to 1, read
RDR only once. RDR cannot be written to by the CPU.
Bit
Bit Name
Initial Value
R/W
7
0
R
6
0
R
5
0
R
4
0
R
3
0
R
2
0
R
1
0
R
0
0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com