Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 714 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 714 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 710Page - Renesas Technology Corp H8SX1663 Datasheet HTML 711Page - Renesas Technology Corp H8SX1663 Datasheet HTML 712Page - Renesas Technology Corp H8SX1663 Datasheet HTML 713Page - Renesas Technology Corp H8SX1663 Datasheet HTML 714Page - Renesas Technology Corp H8SX1663 Datasheet HTML 715Page - Renesas Technology Corp H8SX1663 Datasheet HTML 716Page - Renesas Technology Corp H8SX1663 Datasheet HTML 717Page - Renesas Technology Corp H8SX1663 Datasheet HTML 718Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 714 / 1158 page
background image
Section 15 Serial Communication Interface (SCI, IrDA, CRC)
Rev.1.00 Jun. 07, 2006 Page 662 of 1102
REJ09B0294-0100
15.3.3
Transmit Data Register (TDR)
TDR is an 8-bit register that stores transmit data. When the SCI detects that TSR is empty, it
transfers the transmit data written in TDR to TSR and starts transmission. The double-buffered
structures of TDR and TSR enable continuous serial transmission. If the next transmit data has
already been written to TDR when one frame of data is transmitted, the SCI transfers the written
data to TSR to continue transmission. Although TDR can be read from or written to by the CPU at
all times, to achieve reliable serial transmission, write transmit data to TDR for only once after
confirming that the TDRE bit in SSR is set to 1.
Bit
Bit Name
Initial Value
R/W
7
1
R/W
6
1
R/W
5
1
R/W
4
1
R/W
3
1
R/W
2
1
R/W
1
1
R/W
0
1
R/W
15.3.4
Transmit Shift Register (TSR)
TSR is a shift register that transmits serial data. To perform serial data transmission, the SCI first
automatically transfers transmit data from TDR to TSR, and then sends the data to the TxD pin.
TSR cannot be directly accessed by the CPU.
15.3.5
Serial Mode Register (SMR)
SMR is used to set the SCI's serial transfer format and select the baud rate generator clock source.
Some bits in SMR have different functions in normal mode and smart card interface mode.
• When SMIF in SCMR = 0
7
C/
A
0
R/W
6
CHR
0
R/W
5
PE
0
R/W
4
O/
E
0
R/W
3
STOP
0
R/W
2
MP
0
R/W
1
CKS1
0
R/W
0
CKS0
0
R/W
Bit
Bit Name
Initial Value
R/W
• When SMIF in SCMR = 1
7
GM
0
R/W
6
BLK
0
R/W
5
PE
0
R/W
4
O/
E
0
R/W
3
BCP1
0
R/W
2
BCP0
0
R/W
1
CKS1
0
R/W
0
CKS0
0
R/W
Bit
Bit Name
Initial Value
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com