Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 720 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 720 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 716Page - Renesas Technology Corp H8SX1663 Datasheet HTML 717Page - Renesas Technology Corp H8SX1663 Datasheet HTML 718Page - Renesas Technology Corp H8SX1663 Datasheet HTML 719Page - Renesas Technology Corp H8SX1663 Datasheet HTML 720Page - Renesas Technology Corp H8SX1663 Datasheet HTML 721Page - Renesas Technology Corp H8SX1663 Datasheet HTML 722Page - Renesas Technology Corp H8SX1663 Datasheet HTML 723Page - Renesas Technology Corp H8SX1663 Datasheet HTML 724Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 720 / 1158 page
background image
Section 15 Serial Communication Interface (SCI, IrDA, CRC)
Rev.1.00 Jun. 07, 2006 Page 668 of 1102
REJ09B0294-0100
Bit
Bit Name
Initial
Value
R/W
Description
2
TEIE
0
R/W
Transmit End Interrupt Enable
When this bit is set to 1, a TEI interrupt request is
enabled. A TEI interrupt request can be cancelled by
reading 1 from the TDRE flag and then clearing the flag
to 0 in order to clear the TEND flag to 0, or by clearing
the TEIE bit to 0.
1
0
CKE1
CKE0
0
0
R/W
R/W
Clock Enable 1, 0 (for SCI_0, 1, and 4)
These bits select the clock source and SCK pin function.
• Asynchronous mode
00: On-chip baud rate generator
The SCK pin functions as I/O port.
01: On-chip baud rate generator
The clock with the same frequency as the bit rate is
output from the SCK pin.
1X: External clock
The clock with a frequency 16 times the bit rate
should be input from the SCK pin.
• Clocked synchronous mode
0X: Internal clock
The SCK pin functions as the clock output pin.
1X: External clock
The SCK pin functions as the clock input pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com