Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 723 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 723 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 719Page - Renesas Technology Corp H8SX1663 Datasheet HTML 720Page - Renesas Technology Corp H8SX1663 Datasheet HTML 721Page - Renesas Technology Corp H8SX1663 Datasheet HTML 722Page - Renesas Technology Corp H8SX1663 Datasheet HTML 723Page - Renesas Technology Corp H8SX1663 Datasheet HTML 724Page - Renesas Technology Corp H8SX1663 Datasheet HTML 725Page - Renesas Technology Corp H8SX1663 Datasheet HTML 726Page - Renesas Technology Corp H8SX1663 Datasheet HTML 727Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 723 / 1158 page
background image
Section 15 Serial Communication Interface (SCI, IrDA, CRC)
Rev.1.00 Jun. 07, 2006 Page 671 of 1102
REJ09B0294-0100
Bit
Bit Name
Initial
Value
R/W
Description
1
0
CKE1
CKE0
0
0
R/W
R/W
Clock Enable 1, 0*
These bits control the clock output from the SCK pin. In
GSM mode, clock output can be dynamically switched.
For details, see section 15.7.8, Clock Output Control.
• When GM in SMR = 0
00: Output disabled (SCK pin functions as I/O port.) *
01: Clock output
1X: Reserved
• When GM in SMR = 1
00: Output fixed low
01: Clock output
10: Output fixed high
11: Clock output
Note:
*
No SCK pins exist in SCI_5 and SCI_6.
15.3.7
Serial Status Register (SSR)
SSR is a register containing status flags of the SCI and multiprocessor bits for transfer. TDRE,
RDRF, ORER, PER, and FER can only be cleared. Some bits in SSR have different functions in
normal mode and smart card interface mode.
• When SMIF in SCMR = 0
Bit
Bit Name
Initial Value
R/W
7
TDRE
1
R/(W)*
6
RDRF
0
R/(W)*
5
ORER
0
R/(W)*
4
FRE
0
R/(W)*
3
PER
0
R/(W)*
2
TEND
1
R
1
MPB
0
R
0
MPBT
0
R/W
Note: * Only 0 can be written, to clear the flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com