Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 725 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 725 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 721Page - Renesas Technology Corp H8SX1663 Datasheet HTML 722Page - Renesas Technology Corp H8SX1663 Datasheet HTML 723Page - Renesas Technology Corp H8SX1663 Datasheet HTML 724Page - Renesas Technology Corp H8SX1663 Datasheet HTML 725Page - Renesas Technology Corp H8SX1663 Datasheet HTML 726Page - Renesas Technology Corp H8SX1663 Datasheet HTML 727Page - Renesas Technology Corp H8SX1663 Datasheet HTML 728Page - Renesas Technology Corp H8SX1663 Datasheet HTML 729Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 725 / 1158 page
background image
Section 15 Serial Communication Interface (SCI, IrDA, CRC)
Rev.1.00 Jun. 07, 2006 Page 673 of 1102
REJ09B0294-0100
Bit
Bit Name
Initial
Value
R/W
Description
6
RDRF
0
R/(W)* Receive Data Register Full
Indicates whether receive data is stored in RDR.
[Setting condition]
• When serial reception ends normally and receive data
is transferred from RSR to RDR
[Clearing conditions]
• When 0 is written to RDRF after reading RDRF = 1
(When the CPU is used to clear this flag by writing 0
while the corresponding interrupt is enabled, be sure
to read the flag after writing 0 to it.)
• When an RXI interrupt request is issued allowing
DMAC or DTC to read data from RDR
The RDRF flag is not affected and retains its previous
value when the RE bit in SCR is cleared to 0.
Note that when the next serial reception is completed
while the RDRF flag is being set to 1, an overrun error
occurs and the received data is lost.
5
ORER
0
R/(W)* Overrun Error
Indicates that an overrun error has occurred during
reception and the reception ends abnormally.
[Setting condition]
• When the next serial reception is completed while
RDRF = 1
In RDR, receive data prior to an overrun error
occurrence is retained, but data received after the
overrun error occurrence is lost. When the ORER flag
is set to 1, subsequent serial reception cannot be
performed. Note that, in clocked synchronous mode,
serial transmission also cannot continue.
[Clearing condition]
• When 0 is written to ORER after reading ORER = 1
(When the CPU is used to clear this flag by writing 0
while the corresponding interrupt is enabled, be sure
to read the flag after writing 0 to it.)
Even when the RE bit in SCR is cleared, the ORER
flag is not affected and retains its previous value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com