Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 742 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 742 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 738Page - Renesas Technology Corp H8SX1663 Datasheet HTML 739Page - Renesas Technology Corp H8SX1663 Datasheet HTML 740Page - Renesas Technology Corp H8SX1663 Datasheet HTML 741Page - Renesas Technology Corp H8SX1663 Datasheet HTML 742Page - Renesas Technology Corp H8SX1663 Datasheet HTML 743Page - Renesas Technology Corp H8SX1663 Datasheet HTML 744Page - Renesas Technology Corp H8SX1663 Datasheet HTML 745Page - Renesas Technology Corp H8SX1663 Datasheet HTML 746Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 742 / 1158 page
background image
Section 15 Serial Communication Interface (SCI, IrDA, CRC)
Rev.1.00 Jun. 07, 2006 Page 690 of 1102
REJ09B0294-0100
15.3.11
Serial Extended Mode Register 5 and 6 (SEMR_5 and SEMR_6)
SEMR_5 and SEMR_6 select the clock source in asynchronous mode of SCI_5 and SCI_6. The
base clock is automatically specified when the average transfer rate operation is selected. TMQ
output in TMR unit 2 and unit 3 can also be set as the serial transfer base clock. Figure 15.3
describes the examples of base clock features when the average transfer rate operation is selected.
Figure 15.4 describes the examples of base clock features when the TMO output in TMR is
selected.
7
Undefined
R
6
Undefined
R
5
Undefined
R
4
ABCS
0
R/W
Bit
Bit Name
Initial Value
R/W
3
ACS3
0
R/W
2
ACS2
0
R/W
1
ACS1
0
R/W
0
ACS0
0
R/W
Bit
Bit Name
Initial
Value
R/W
Description
7 to 5
Undefined
R
Reserved
These bits are always read as undefined and cannot be
modified.
4
ABCS
0
R/W
Asynchronous Mode Base Clock Select (valid only in
asynchronous mode)
Selects the base clock for a 1-bit period.
0: The base clock has a frequency 16 times the transfer
rate
1: The base clock has a frequency 8 times the transfer
rate
3
2
1
0
ACS3
ACS2
ACS1
ACS0
0
0
0
0
R/W
R/W
R/W
R/W
Asynchronous Mode Clock Source Select
These bits select the clock source for the average
transfer rate function in the asynchronous mode. When
the average transfer rate function is enabled, the base
clock is automatically specified regardless of the ABCS
bit value. The average transfer rate only corresponds to
8MHz, 10.667MHz, 12MHz, 16MHz, 24MHz, and
32MHz. No other clock is available. Setting of ACS3 to
ACS0 must be done in the asynchronous mode (the
C/
A bit in SMR = 0) and the external clock input mode
(the CKE bit I SCR
= 1). The setting examples are in
figures 15.3 and 15.4.
(Each number in the four-digit number below
corresponds to the value in the bits ACS3 to ACS0 from
left to right respectively.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com