Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 743 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 743 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 739Page - Renesas Technology Corp H8SX1663 Datasheet HTML 740Page - Renesas Technology Corp H8SX1663 Datasheet HTML 741Page - Renesas Technology Corp H8SX1663 Datasheet HTML 742Page - Renesas Technology Corp H8SX1663 Datasheet HTML 743Page - Renesas Technology Corp H8SX1663 Datasheet HTML 744Page - Renesas Technology Corp H8SX1663 Datasheet HTML 745Page - Renesas Technology Corp H8SX1663 Datasheet HTML 746Page - Renesas Technology Corp H8SX1663 Datasheet HTML 747Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 743 / 1158 page
background image
Section 15 Serial Communication Interface (SCI, IrDA, CRC)
Rev.1.00 Jun. 07, 2006 Page 691 of 1102
REJ09B0294-0100
Bit
Bit Name
Initial
Value
R/W
Description
3
2
1
0
ACS3
ACS2
ACS1
ACS0
0
0
0
0
R/W
R/W
R/W
R/W
0000: Average transfer rate generator is not used.
0001: 115.152 kbps of average transfer rate specific to
P
φ = 10.667 MHz is selected (operated using the
base clock with a frequency 16 times the transfer
rate)
0010: 460.606 kbps of average transfer rate specific to
P
φ = 10.667 MHz is selected (operated using the
base clock with a frequency 8 times the transfer
rate)
0011: 921.569 kbps of average transfer rate specific to
P
φ = 16 MHz is selected or 460.784 kbps of
average transfer rate specific to P
φ = 8MHz is
selected (operated using the base clock with a
frequency 8 times the transfer rate)
0100: TMR clock input
This setting allows the TMR compare match
output to be used as the base clock. The table
below shows the correspondence between the
SCI channels and the compare match output.
SCI Channel
TMR Unit
Compare Match
Output
SCI_5
Unit 2
TMO4, TMO5
SCI_6
Unit 3
TMO6, TMO7
0101: 115.196 kbps of average transfer rate specific to
P
φ = 16 MHz is selected (operated using the base
clock with a frequency 16 times the transfer rate)
0110: 460.784 kbps of average transfer rate specific to
P
φ = 16 MHz is selected (operated using the base
clock with a frequency 16 times the transfer rate)
0111: 720 kbps of average transfer rate specific to P
φ =
16 MHz is selected (operated using the base clock
with a frequency 8 times the transfer rate)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com