Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 811 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 811 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 807Page - Renesas Technology Corp H8SX1663 Datasheet HTML 808Page - Renesas Technology Corp H8SX1663 Datasheet HTML 809Page - Renesas Technology Corp H8SX1663 Datasheet HTML 810Page - Renesas Technology Corp H8SX1663 Datasheet HTML 811Page - Renesas Technology Corp H8SX1663 Datasheet HTML 812Page - Renesas Technology Corp H8SX1663 Datasheet HTML 813Page - Renesas Technology Corp H8SX1663 Datasheet HTML 814Page - Renesas Technology Corp H8SX1663 Datasheet HTML 815Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 811 / 1158 page
background image
Section 16 USB Function Module (USB)
Rev.1.00 Jun. 07, 2006 Page 759 of 1102
REJ09B0294-0100
16.3.4
Interrupt Select Register 0 (ISR0)
ISR0 selects the vector numbers of the interrupt requests indicated in interrupt flag register 0
(IFR0). If the USB issues an interrupt request to the INTC when a bit in ISR0 is cleared to 0, the
interrupt corresponding to the bit will be USBINTN2. If the USB issues an interrupt request to the
INTC when a bit in ISR0 is set to 1, the corresponding interrupt will be USBINTN3.
Bit
Bit Name
Initial Value
R/W
7
BRST
0
R/W
6
EP1 FULL
0
R/W
5
EP2 TR
0
R/W
4
EP2 EMPTY
0
R/W
3
SETUP TS
0
R/W
2
EP0o TS
0
R/W
1
EP0i TR
0
R/W
0
EP0i TS
0
R/W
Bit
Bit Name
Initial
Value
R/W
Description
7
BRST
0
R/W
Bus Reset
6
EP1 FULL
0
R/W
EP1 FIFO Full
5
EP2 TR
0
R/W
EP2 Transfer Request
4
EP2 EMPTY 0
R/W
EP2 FIFO Empty
3
SETUP TS
0
R/W
Setup Command Receive Complete
2
EP0o TS
0
R/W
EP0o Receive Complete
1
EP0i TR
0
R/W
EP0i Transfer Request
0
EP0i TS
0
R/W
EP0i Transmission Complete



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com