Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 814 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 814 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 810Page - Renesas Technology Corp H8SX1663 Datasheet HTML 811Page - Renesas Technology Corp H8SX1663 Datasheet HTML 812Page - Renesas Technology Corp H8SX1663 Datasheet HTML 813Page - Renesas Technology Corp H8SX1663 Datasheet HTML 814Page - Renesas Technology Corp H8SX1663 Datasheet HTML 815Page - Renesas Technology Corp H8SX1663 Datasheet HTML 816Page - Renesas Technology Corp H8SX1663 Datasheet HTML 817Page - Renesas Technology Corp H8SX1663 Datasheet HTML 818Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 814 / 1158 page
background image
Section 16 USB Function Module (USB)
Rev.1.00 Jun. 07, 2006 Page 762 of 1102
REJ09B0294-0100
16.3.7
Interrupt Enable Register 0 (IER0)
IER0 enables the interrupt requests of interrupt flag register 0 (IFR0). When an interrupt flag is set
to 1 while the corresponding bit of each interrupt is set to 1, an interrupt request is sent to the
CPU. The interrupt vector number is determined by the contents of interrupt select register 0
(ISR0).
Bit
Bit Name
Initial Value
R/W
7
BRST
0
R/W
6
EP1 FULL
0
R/W
5
EP2 TR
0
R/W
4
EP2 EMPTY
0
R/W
3
SETUP TS
0
R/W
2
EP0o TS
0
R/W
1
EP0i TR
0
R/W
0
EP0i TS
0
R/W
Bit
Bit Name
Initial
Value
R/W
Description
7
BRST
0
R/W
Bus Reset
6
EP1 FULL
0
R/W
EP1 FIFO Full
5
EP2 TR
0
R/W
EP2 Transfer Request
4
EP2 EMPTY
0
R/W
EP2 FIFO Empty
3
SETUP TS
0
R/W
Setup Command Receive Complete
2
EP0o TS
0
R/W
EP0o Receive Complete
1
EP0i TR
0
R/W
EP0i Transfer Request
0
EP0i TS
0
R/W
EP0i Transmission Complete



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com