Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 873 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 873 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 869Page - Renesas Technology Corp H8SX1663 Datasheet HTML 870Page - Renesas Technology Corp H8SX1663 Datasheet HTML 871Page - Renesas Technology Corp H8SX1663 Datasheet HTML 872Page - Renesas Technology Corp H8SX1663 Datasheet HTML 873Page - Renesas Technology Corp H8SX1663 Datasheet HTML 874Page - Renesas Technology Corp H8SX1663 Datasheet HTML 875Page - Renesas Technology Corp H8SX1663 Datasheet HTML 876Page - Renesas Technology Corp H8SX1663 Datasheet HTML 877Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 873 / 1158 page
background image
Section 17 I
2C Bus Interface 2 (IIC2)
Rev.1.00 Jun. 07, 2006 Page 821 of 1102
REJ09B0294-0100
17.3.1
I
2C Bus Control Register A (ICCRA)
ICCRA enables or disables I
2C bus interface, controls transmission or reception, and selects
master or slave mode, transmission or reception, and transfer clock frequency in master mode.
Bit
Bit Name
Initial Value
R/W
7
ICE
0
R/W
6
RCVD
0
R/W
5
MST
0
R/W
4
TRS
0
R/W
3
CKS3
0
R/W
2
CKS2
0
R/W
1
CKS1
0
R/W
0
CKS0
0
R/W
Bit
Bit Name
Initial
Value
R/W
Description
7
ICE
0
R/W
I
2C Bus Interface Enable
0: This module is halted
1: This bit is enabled for transfer operations (SCL and
SDA pins are bus drive state)
6
RCVD
0
R/W
Reception Disable
This bit enables or disables the next operation when
TRS is 0 and ICDRR is read.
0: Enables next reception
1: Disables next reception
5
4
MST
TRS
0
0
R/W
R/W
Master/Slave Select
Transmit/Receive Select
When arbitration is lost in master mode, MST and
TRS are both reset by hardware, causing a transition
to slave receive mode. Modification of the TRS bit
should be made between transfer frames.
Operating modes are described below according to
MST and TRS combination.
00: Slave receive mode
01: Slave transmit mode
10: Master receive mode
11: Master transmit mode
3
2
1
0
CKS3
CKS2
CKS1
CKS0
0
0
0
0
R/W
R/W
R/W
R/W
Transfer Clock Select 3 to 0
These bits are valid only in master mode. Make
setting according to the required transfer rate. For
details on the transfer rate, see table 17.2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com