Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 876 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 876 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 872Page - Renesas Technology Corp H8SX1663 Datasheet HTML 873Page - Renesas Technology Corp H8SX1663 Datasheet HTML 874Page - Renesas Technology Corp H8SX1663 Datasheet HTML 875Page - Renesas Technology Corp H8SX1663 Datasheet HTML 876Page - Renesas Technology Corp H8SX1663 Datasheet HTML 877Page - Renesas Technology Corp H8SX1663 Datasheet HTML 878Page - Renesas Technology Corp H8SX1663 Datasheet HTML 879Page - Renesas Technology Corp H8SX1663 Datasheet HTML 880Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 876 / 1158 page
background image
Section 17 I
2C Bus Interface 2 (IIC2)
Rev.1.00 Jun. 07, 2006 Page 824 of 1102
REJ09B0294-0100
17.3.3
I
2C Bus Mode Register (ICMR)
ICMR selects MSB first or LSB first, controls the master mode wait and selects the number of
transfer bits.
Bit
Bit Name
Initial Value
R/W
7
0
R/W
6
WAIT
0
R/W
5
1
4
1
3
BCWP
1
R/W
2
BC2
0
R/W
1
BC1
0
R/W
0
BC0
0
R/W
Bit
Bit Name
Initial
Value
R/W
Description
7
0
R/W
Reserved
The write value should always be 0.
6
WAIT
0
R/W
Wait Insertion
This bit selects whether to insert a wait after data
transfer except for the acknowledge bit. When this bit is
set to 1, after the falling of the clock for the last data bit,
the low period is extended for two transfer clocks.
When this bit is cleared to 0, data and the acknowledge
bit are transferred consecutively with no waits inserted.
The setting of this bit is invalid in slave mode.
5
4
1
1
Reserved
These bits are always read as 1.
3
BCWP
1
R/W
BC Write Protect
This bit controls the modification of the BC2 to BC0
bits. When modifying, this bit should be cleared to 0
and the MOV instruction should be used.
0: When writing, the values of BC2 to BC0 are set
1: When reading, 1 is always read
When writing, the settings of BC2 to BC0 are invalid.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com