Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 880 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 880 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 876Page - Renesas Technology Corp H8SX1663 Datasheet HTML 877Page - Renesas Technology Corp H8SX1663 Datasheet HTML 878Page - Renesas Technology Corp H8SX1663 Datasheet HTML 879Page - Renesas Technology Corp H8SX1663 Datasheet HTML 880Page - Renesas Technology Corp H8SX1663 Datasheet HTML 881Page - Renesas Technology Corp H8SX1663 Datasheet HTML 882Page - Renesas Technology Corp H8SX1663 Datasheet HTML 883Page - Renesas Technology Corp H8SX1663 Datasheet HTML 884Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 880 / 1158 page
background image
Section 17 I
2C Bus Interface 2 (IIC2)
Rev.1.00 Jun. 07, 2006 Page 828 of 1102
REJ09B0294-0100
17.3.5
I
2C Bus Status Register (ICSR)
ICSR confirms the interrupt request flags and status.
Bit
Bit Name
Initial Value
R/W
7
TDRE
0
R/W
6
TEND
0
R/W
5
RDRF
0
R/W
4
NACKF
0
R/W
3
STOP
0
R/W
2
AL
0
R/W
1
AAS
0
R/W
0
ADZ
0
R/W
Bit
Bit Name
Initial
Value
R/W
Description
7
TDRE
0
R/W
Transmit Data Register Empty
[Setting condition]
• When data is transferred from ICDRT to ICDRS
and ICDRT becomes empty
[Clearing conditions]
• When 0 is written to this bit after reading TDRE = 1
(When the CPU is used to clear this flag by writing
0 while the corresponding interrupt is enabled, be
sure to read the flag after writing 0 to it.)
• When data is written to ICDRT
6
TEND
0
R/W
Transmit End
[Setting condition]
• When the ninth clock of SCL rises while the TDRE
flag is 1
[Clearing conditions]
• When 0 is written to this bit after reading TEND = 1
(When the CPU is used to clear this flag by writing
0 while the corresponding interrupt is enabled, be
sure to read the flag after writing 0 to it.)
• When data is written to ICDRT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com