Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 878 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 878 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 874Page - Renesas Technology Corp H8SX1663 Datasheet HTML 875Page - Renesas Technology Corp H8SX1663 Datasheet HTML 876Page - Renesas Technology Corp H8SX1663 Datasheet HTML 877Page - Renesas Technology Corp H8SX1663 Datasheet HTML 878Page - Renesas Technology Corp H8SX1663 Datasheet HTML 879Page - Renesas Technology Corp H8SX1663 Datasheet HTML 880Page - Renesas Technology Corp H8SX1663 Datasheet HTML 881Page - Renesas Technology Corp H8SX1663 Datasheet HTML 882Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 878 / 1158 page
background image
Section 17 I
2C Bus Interface 2 (IIC2)
Rev.1.00 Jun. 07, 2006 Page 826 of 1102
REJ09B0294-0100
Bit
Bit Name
Initial
Value
R/W
Description
7
TIE
0
R/W
Transmit Interrupt Enable
When the TDRE bit in ICSR is set to 1, this bit enables
or disables the transmit data empty interrupt (TXI)
request.
0: Transmit data empty interrupt (TXI) request is
disabled
1: Transmit data empty interrupt (TXI) request is
enabled
6
TEIE
0
R/W
Transmit End Interrupt Enable
This bit enables or disables the transmit end interrupt
(TEI) request at the rising of the ninth clock while the
TDRE bit in ICSR is set to 1. The TEI request can be
canceled by clearing the TEND bit or the TEIE bit to 0.
0: Transmit end interrupt (TEI) request is disabled
1: Transmit end interrupt (TEI) request is enabled
5
RIE
0
R/W
Receive Interrupt Enable
This bit enables or disables the receive full interrupt
(RXI) request when receive data is transferred from
ICDRS to ICDRR and the RDRF bit in ICSR is set to 1.
The RXI request can be canceled by clearing the
RDRF or RIE bit to 0.
0: Receive data full interrupt (RXI) request is disabled
1: Receive data full interrupt (RXI) request is enabled
4
NAKIE
0
R/W
NACK Receive Interrupt Enable
This bit enables or disables the NACK receive interrupt
(NAKI) request when the NACKF and AL bits in ICSR
are set to 1. The NAKI request can be canceled by
clearing the NACKF or AL bit, or the NAKIE bit to 0.
0: NACK receive interrupt (NAKI) request is disabled
1: NACK receive interrupt (NAKI) request is enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com