Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 902 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 902 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 898Page - Renesas Technology Corp H8SX1663 Datasheet HTML 899Page - Renesas Technology Corp H8SX1663 Datasheet HTML 900Page - Renesas Technology Corp H8SX1663 Datasheet HTML 901Page - Renesas Technology Corp H8SX1663 Datasheet HTML 902Page - Renesas Technology Corp H8SX1663 Datasheet HTML 903Page - Renesas Technology Corp H8SX1663 Datasheet HTML 904Page - Renesas Technology Corp H8SX1663 Datasheet HTML 905Page - Renesas Technology Corp H8SX1663 Datasheet HTML 906Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 902 / 1158 page
background image
Section 18 A/D Converter
Rev.1.00 Jun. 07, 2006 Page 850 of 1102
REJ09B0294-0100
Module data bus
Control circuit
Internal
data bus
10-bit A/D
Comparator
+
–
Sample-and-
hold circuit
ADI0 interrupt
signal
AVCC
Vref
AVSS
AN0
AN1
AN2
AN3
AN4
AN5
AN6
AN7
ADTRG0
Conversion start
trigger from the
TPU or TMR
[Legend]
ADCR:
A/D control register
ADCSR: A/D control/status register
ADDRA: A/D data register A
ADDRB: A/D data register B
ADDRC: A/D data register C
ADDRD: A/D data register D
ADDRE: A/D data register E
ADDRF: A/D data register F
ADDRG: A/D data register G
ADDRH: A/D data register H
Figure 18.1 Block Diagram of A/D Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com