Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 905 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 905 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 901Page - Renesas Technology Corp H8SX1663 Datasheet HTML 902Page - Renesas Technology Corp H8SX1663 Datasheet HTML 903Page - Renesas Technology Corp H8SX1663 Datasheet HTML 904Page - Renesas Technology Corp H8SX1663 Datasheet HTML 905Page - Renesas Technology Corp H8SX1663 Datasheet HTML 906Page - Renesas Technology Corp H8SX1663 Datasheet HTML 907Page - Renesas Technology Corp H8SX1663 Datasheet HTML 908Page - Renesas Technology Corp H8SX1663 Datasheet HTML 909Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 905 / 1158 page
background image
Section 18 A/D Converter
Rev.1.00 Jun. 07, 2006 Page 853 of 1102
REJ09B0294-0100
18.3.2
A/D Control/Status Register (ADCSR)
ADCSR controls A/D conversion operations.
7
ADF
0
R/(W)*
6
ADIE
0
R/W
5
ADST
0
R/W
4
0
R
3
CH3
0
R/W
2
CH2
0
R/W
1
CH1
0
R/W
0
CH0
0
R/W
Bit
Bit Name
Initial Value
R/W
Note: * Only 0 can be written to this bit, to clear the flag.
Bit
Bit Name
Initial
Value
R/W
Description
7
ADF
0
R/(W)* A/D End Flag
A status flag that indicates the end of A/D conversion.
[Setting conditions]
• When A/D conversion ends in single mode
• When A/D conversion ends on all specified channels
in scan mode
[Clearing conditions]
• When 0 is written after reading ADF = 1
(When the CPU is used to clear this flag by writing 0
while the corresponding interrupt is enabled, be sure
to read the flag after writing 0 to it.)
• When the DMAC or DTC is activated by an ADI
interrupt and ADDR is read
6
ADIE
0
R/W
A/D Interrupt Enable
When this bit is set to 1, ADI interrupts by ADF are
enabled.
5
ADST
0
R/W
A/D Start
Clearing this bit to 0 stops A/D conversion, and the A/D
converter enters wait state.
Setting this bit to 1 starts A/D conversion. In single mode,
this bit is cleared to 0 automatically when A/D conversion
on the specified channel ends. In scan mode, A/D
conversion continues sequentially on the specified
channels until this bit is cleared to 0 by software, a reset,
or hardware standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com