Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 908 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 908 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 904Page - Renesas Technology Corp H8SX1663 Datasheet HTML 905Page - Renesas Technology Corp H8SX1663 Datasheet HTML 906Page - Renesas Technology Corp H8SX1663 Datasheet HTML 907Page - Renesas Technology Corp H8SX1663 Datasheet HTML 908Page - Renesas Technology Corp H8SX1663 Datasheet HTML 909Page - Renesas Technology Corp H8SX1663 Datasheet HTML 910Page - Renesas Technology Corp H8SX1663 Datasheet HTML 911Page - Renesas Technology Corp H8SX1663 Datasheet HTML 912Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 908 / 1158 page
background image
Section 18 A/D Converter
Rev.1.00 Jun. 07, 2006 Page 856 of 1102
REJ09B0294-0100
Bit
Bit Name
Initial
Value
R/W
Description
1, 0
All 0
R
Reserved
These are read-only bits and cannot be modified.
[Legend]
X: Don't care
Note:
*
To set A/D conversion to start by the
ADTRG pin, the DDR bit and ICR bit for the
corresponding pin should be set to 0 and 1, respectively. For details, refer to section 9,
I/O Ports.
18.4
Operation
The A/D converter operates by successive approximation with 10-bit resolution. It has two
operating modes: single mode and scan mode. When changing the operating mode or analog input
channel, to prevent incorrect operation, first clear the ADST bit in ADCSR to 0 to halt A/D
conversion. The ADST bit can be set to 1 at the same time as the operating mode or analog input
channel is changed.
18.4.1
Single Mode
In single mode, A/D conversion is to be performed only once on the analog input of the specified
single channel.
1. A/D conversion for the selected channel is started when the ADST bit in ADCSR is set to 1 by
software or an external trigger input.
2. When A/D conversion is completed, the A/D conversion result is transferred to the
corresponding A/D data register of the channel.
3. When A/D conversion is completed, the ADF bit in ADCSR is set to 1. If the ADIE bit is set
to 1 at this time, an ADI interrupt request is generated.
4. The ADST bit remains set to 1 during A/D conversion, and is automatically cleared to 0 when
A/D conversion ends. The A/D converter enters wait state. If the ADST bit is cleared to 0
during A/D conversion, A/D conversion stops and the A/D converter enters wait state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com