Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 911 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 911 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 907Page - Renesas Technology Corp H8SX1663 Datasheet HTML 908Page - Renesas Technology Corp H8SX1663 Datasheet HTML 909Page - Renesas Technology Corp H8SX1663 Datasheet HTML 910Page - Renesas Technology Corp H8SX1663 Datasheet HTML 911Page - Renesas Technology Corp H8SX1663 Datasheet HTML 912Page - Renesas Technology Corp H8SX1663 Datasheet HTML 913Page - Renesas Technology Corp H8SX1663 Datasheet HTML 914Page - Renesas Technology Corp H8SX1663 Datasheet HTML 915Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 911 / 1158 page
background image
Section 18 A/D Converter
Rev.1.00 Jun. 07, 2006 Page 859 of 1102
REJ09B0294-0100
18.4.3
Input Sampling and A/D Conversion Time
The A/D converter has a built-in sample-and-hold circuit. The A/D converter samples the analog
input when the A/D conversion start delay time (t
D) passes after the ADST bit in ADCSR is set to
1, then starts A/D conversion. Figure 18.4 shows the A/D conversion timing. Table 18.3 indicates
the A/D conversion time.
As indicated in figure 18.4, the A/D conversion time (t
CONV) includes tD and the input sampling time
(t
SPL). The length of tD varies depending on the timing of the write access to ADCSR. The total
conversion time therefore varies within the ranges indicated in table 18.3.
In scan mode, the values given in table 18.3 apply to the first conversion time. The values given in
table 18.4 apply to the second and subsequent conversions. In either case, bits CKS1 and CKS0 in
ADCR should be set so that the conversion time is within the ranges indicated by the A/D
conversion characteristics.
(1)
(2)
tD
tSPL
tCONV
P
φ
Address
Write signal
Input sampling
timing
ADF
[Legend]
(1):
ADCSR write cycle
(2):
ADCSR address
tD:
A/D conversion start delay time
tSPL:
Input sampling time
tCONV: A/D conversion time
Figure 18.4 A/D Conversion Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com