Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 966 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 966 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 962Page - Renesas Technology Corp H8SX1663 Datasheet HTML 963Page - Renesas Technology Corp H8SX1663 Datasheet HTML 964Page - Renesas Technology Corp H8SX1663 Datasheet HTML 965Page - Renesas Technology Corp H8SX1663 Datasheet HTML 966Page - Renesas Technology Corp H8SX1663 Datasheet HTML 967Page - Renesas Technology Corp H8SX1663 Datasheet HTML 968Page - Renesas Technology Corp H8SX1663 Datasheet HTML 969Page - Renesas Technology Corp H8SX1663 Datasheet HTML 970Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 966 / 1158 page
background image
Section 21 Flash Memory (0.18-
µm F-ZTAT Version)
Rev.1.00 Jun. 07, 2006 Page 914 of 1102
REJ09B0294-0100
The procedure program must be executed in an area other than the flash memory to be
programmed. Setting the SCO bit in FCCS to 1 to request download must be executed in the on-
chip RAM. The area that can be executed in the steps of the procedure program (on-chip RAM,
user MAT, and external space) is shown in section 21.7.4, On-Chip Program and Storable Area for
Program Data. The following description assumes that the area to be programmed on the user
MAT is erased and that program data is prepared in the consecutive area.
The program data for one programming operation is always 128 bytes. When the program data
exceeds 128 bytes, the start address of the programming destination and program data parameters
are updated in 128-byte units and programming is repeated. When the program data is less than
128 bytes, invalid data is filled to prepare 128-byte program data. If the invalid data to be added is
H'FF, the program processing time can be shortened.
1. Select the on-chip program to be downloaded and the download destination. When the PPVS
bit in FPCS is set to 1, the programming program is selected. Several programming/erasing
programs cannot be selected at one time. If several programs are selected, a download error is
returned to the SS bit in the DPFR parameter. The on-chip RAM start address of the download
destination is specified by FTDAR.
2. Write H'A5 in FKEY. If H'A5 is not written to FKEY, the SCO bit in FCCS cannot be set to 1
to request download of the on-chip program.
3. After initializing VBR to H'00000000, set the SCO bit to 1 to execute download. To set the
SCO bit to 1, all of the following conditions must be satisfied.
 RAM emulation mode has been canceled.
 H'A5 is written to FKEY.
 Setting the SCO bit is executed in the on-chip RAM.
When the SCO bit is set to 1, download is started automatically. Since the SCO bit is cleared
to 0 when the procedure program is resumed, the SCO bit cannot be confirmed to be 1 in the
procedure program. The download result can be confirmed by the return value of the DPFR
parameter. To prevent incorrect decision, before setting the SCO bit to 1, set one byte of the
on-chip RAM start address specified by FTDAR, which becomes the DPFR parameter, to a
value other than the return value (e.g. H'FF). Since particular processing that is accompanied
by bank switching as described below is performed when download is executed, initialize the
VBR contents to H'00000000. Dummy read of FCCS must be performed twice immediately
after the SCO bit is set to 1.
 The user-MAT space is switched to the on-chip program storage area.
 After the program to be downloaded and the on-chip RAM start address specified by
FTDAR are checked, they are transferred to the on-chip RAM.
 FPCS, FECS, and the SCO bit in FCCS are cleared to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com