Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 962 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 962 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 958Page - Renesas Technology Corp H8SX1663 Datasheet HTML 959Page - Renesas Technology Corp H8SX1663 Datasheet HTML 960Page - Renesas Technology Corp H8SX1663 Datasheet HTML 961Page - Renesas Technology Corp H8SX1663 Datasheet HTML 962Page - Renesas Technology Corp H8SX1663 Datasheet HTML 963Page - Renesas Technology Corp H8SX1663 Datasheet HTML 964Page - Renesas Technology Corp H8SX1663 Datasheet HTML 965Page - Renesas Technology Corp H8SX1663 Datasheet HTML 966Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 962 / 1158 page
background image
Section 21 Flash Memory (0.18-
µm F-ZTAT Version)
Rev.1.00 Jun. 07, 2006 Page 910 of 1102
REJ09B0294-0100
1. After a transition to the USB boot mode is made, the boot program embedded in this LSI is
initialized. This LSI performs enumeration to the host after the USB boot program is
initialized.
2. Inquiry information about the size, configuration, start address, and support status of the user
MAT is transmitted to the host.
3. After inquiries have finished, all user MAT are automatically erased.
4. After all user MAT are automatically erased, the state of waiting for programming/erasing
command is entered. When the programming command is received, the state shifts to the state
of waiting for programming data. The same applies to erasing. In addition to the commands for
programming/erasing, there are commands for performing sum check, blank check (erasure
check), and memory read of the user MAT, and acquiring the current status information.
(3) Notes on USB Boot Mode Execution
• The clock of 48 MHz needs to be supplied to the USB module. Set the external clock
frequency and clock pulse generator so as to supply 48 MHz as the clock for the USB (cku).
For details, refer to section 22, Clock Pulse Generator.
• Use the PM4 pin for the D+ pull-up control connection.
• For the stable supply of the power during the flash memory programming and erasing, the
cable should not be connected via the bus powered HUB.
• If the bus powered HUB is disconnected during the flash memory programming and erasing,
permanent damage to the LSI may result.
• If the USB bus in the bus power mode enters the suspend mode, this does not make the
transition to the software standby mode in the power-down state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com