Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 958 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 958 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 954Page - Renesas Technology Corp H8SX1663 Datasheet HTML 955Page - Renesas Technology Corp H8SX1663 Datasheet HTML 956Page - Renesas Technology Corp H8SX1663 Datasheet HTML 957Page - Renesas Technology Corp H8SX1663 Datasheet HTML 958Page - Renesas Technology Corp H8SX1663 Datasheet HTML 959Page - Renesas Technology Corp H8SX1663 Datasheet HTML 960Page - Renesas Technology Corp H8SX1663 Datasheet HTML 961Page - Renesas Technology Corp H8SX1663 Datasheet HTML 962Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 958 / 1158 page
background image
Section 21 Flash Memory (0.18-
µm F-ZTAT Version)
Rev.1.00 Jun. 07, 2006 Page 906 of 1102
REJ09B0294-0100
1. After SCI boot mode is initiated, the bit rate of the SCI_4 is adjusted with that of the host.
2. Inquiry information about the size, configuration, start address, and support status of the user
MAT is transmitted to the host.
3. After inquiries have finished, all user MAT are automatically erased.
4. When the program preparation notice is received, the state of waiting for program data is
entered. The start address of the programming destination and program data must be
transmitted after the programming command is transmitted. When programming is finished,
the start address of the programming destination must be set to H'FFFFFFFF and transmitted.
Then the state of waiting for program data is returned to the state of waiting for
programming/erasing command. When the erasure preparation notice is received, the state of
waiting for erase block data is entered. The erase block number must be transmitted after the
erasing command is transmitted. When the erasure is finished, the erase block number must be
set to H'FF and transmitted. Then the state of waiting for erase block data is returned to the
state of waiting for programming/erasing command. Erasure must be executed when the
specified block is programmed without a reset start after programming is executed in SCI boot
mode. When programming can be executed by only one operation, all blocks are erased before
entering the state of waiting for programming/erasing command or another command. Thus, in
this case, the erasing operation is not required. The commands other than the
programming/erasing command perform sum check, blank check (erasure check), and memory
read of the user MAT and acquisition of current status information.
Memory read of the user MAT can only read the data programmed after all user MAT has
automatically been erased. No other data can be read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com