Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 956 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 956 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 952Page - Renesas Technology Corp H8SX1663 Datasheet HTML 953Page - Renesas Technology Corp H8SX1663 Datasheet HTML 954Page - Renesas Technology Corp H8SX1663 Datasheet HTML 955Page - Renesas Technology Corp H8SX1663 Datasheet HTML 956Page - Renesas Technology Corp H8SX1663 Datasheet HTML 957Page - Renesas Technology Corp H8SX1663 Datasheet HTML 958Page - Renesas Technology Corp H8SX1663 Datasheet HTML 959Page - Renesas Technology Corp H8SX1663 Datasheet HTML 960Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 956 / 1158 page
background image
Section 21 Flash Memory (0.18-
µm F-ZTAT Version)
Rev.1.00 Jun. 07, 2006 Page 904 of 1102
REJ09B0294-0100
(1) Serial Interface Setting by Host
The SCI_4 is set to asynchronous mode, and the serial transmit/receive format is set to 8-bit data,
one stop bit, and no parity.
When a transition to SCI boot mode is made, the boot program embedded in this LSI is initiated.
When the boot program is initiated, this LSI measures the low period of asynchronous serial
communication data (H'00) transmitted consecutively by the host, calculates the bit rate, and
adjusts the bit rate of the SCI_4 to match that of the host.
When bit rate adjustment is completed, this LSI transmits 1 byte of H'00 to the host as the bit
adjustment end sign. When the host receives this bit adjustment end sign normally, it transmits 1
byte of H'55 to this LSI. When reception is not executed normally, initiate boot mode again. The
bit rate may not be adjusted within the allowable range depending on the combination of the bit
rate of the host and the system clock frequency of this LSI. Therefore, the transfer bit rate of the
host and the system clock frequency of this LSI must be as shown in table 21.6.
D0
D1
D2
D3
D4
D5
D6
D7
Start
bit
Stop bit
Measure low period (9 bits) (data is H'00)
High period of
at least 1 bit
Figure 21.7 Automatic-Bit-Rate Adjustment Operation
Table 21.6
System Clock Frequency for Automatic-Bit-Rate Adjustment
Bit Rate of Host
System Clock Frequency of This LSI
9,600 bps
8 to 18 MHz
19,200 bps
8 to 18 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com