Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 955 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 955 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 951Page - Renesas Technology Corp H8SX1663 Datasheet HTML 952Page - Renesas Technology Corp H8SX1663 Datasheet HTML 953Page - Renesas Technology Corp H8SX1663 Datasheet HTML 954Page - Renesas Technology Corp H8SX1663 Datasheet HTML 955Page - Renesas Technology Corp H8SX1663 Datasheet HTML 956Page - Renesas Technology Corp H8SX1663 Datasheet HTML 957Page - Renesas Technology Corp H8SX1663 Datasheet HTML 958Page - Renesas Technology Corp H8SX1663 Datasheet HTML 959Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 955 / 1158 page
background image
Section 21 Flash Memory (0.18-
µm F-ZTAT Version)
Rev.1.00 Jun. 07, 2006 Page 903 of 1102
REJ09B0294-0100
21.7
On-Board Programming Mode
When the mode pins (MD0, MD1, MD2, and MD3) are set to on-board programming mode and
the reset start is executed, a transition is made to on-board programming mode in which the on-
chip flash memory can be programmed/erased. On-board programming mode has three operating
modes: SCI boot mode by PM2 setting, USB boot mode, and user program mode.
Table 21.5 shows the pin setting for each operating mode. For details on the state transition of
each operating mode for flash memory, see Figure 21.2.
Table 21.5
On-Board Programming Mode Setting
Mode Setting
EMLE
MD3
MD2
MD1
MD0
PM2
SCI boot mode
0
USB boot mode
0
1
0
1
User program mode
0
0
1
1
21.7.1
SCI Boot Mode
SCI boot mode executes programming/erasing of the user MAT by means of the control command
and program data transmitted from the externally connected host via the on-chip SCI_4.
In SCI boot mode, the tool for transmitting the control command and program data, and the
program data must be prepared in the host. The serial communication mode is set to asynchronous
mode. The system configuration in SCI boot mode is shown in figure 21.6. Interrupts are ignored
in SCI boot mode. Configure the user system so that interrupts do not occur.
RxD4
TxD4
Software for
analyzing
control
commands
(on-chip)
Flash
memory
On-chip
RAM
SCI_4
This LSI
PM2
MD3 to MD0
0
0010
Host
Programming
tool and program
data
Control command,
program data
Response
Figure 21.6 System Configuration in SCI Boot Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com