Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 954 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 954 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 950Page - Renesas Technology Corp H8SX1663 Datasheet HTML 951Page - Renesas Technology Corp H8SX1663 Datasheet HTML 952Page - Renesas Technology Corp H8SX1663 Datasheet HTML 953Page - Renesas Technology Corp H8SX1663 Datasheet HTML 954Page - Renesas Technology Corp H8SX1663 Datasheet HTML 955Page - Renesas Technology Corp H8SX1663 Datasheet HTML 956Page - Renesas Technology Corp H8SX1663 Datasheet HTML 957Page - Renesas Technology Corp H8SX1663 Datasheet HTML 958Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 954 / 1158 page
background image
Section 21 Flash Memory (0.18-
µm F-ZTAT Version)
Rev.1.00 Jun. 07, 2006 Page 902 of 1102
REJ09B0294-0100
21.6.3
RAM Emulation Register (RAMER)
RAMER specifies the user MAT area overlaid with part of the on-chip RAM (H'FFA000 to
H'FFAFFF) when performing emulation of programming the user MAT. RAMER should be set in
user mode or user program mode. To ensure dependable emulation, the memory MAT to be
emulated must not be accessed immediately after changing the RAMER contents. When accessed
at such a timing, correct operation is not guaranteed.
7
0
R
6
0
R
5
0
R
4
0
R
3
RAMS
0
R/W
0
RAM0
0
R/W
2
RAM2
0
R/W
1
RAM1
0
R/W
Bit
Bit Name
Initial Value
R/W
Bit
Bit Name
Initial
Value
R/W
Description
7 to 4
0
R
Reserved
These are read-only bits and cannot be modified.
3
RAMS
0
R/W
RAM Select
Selects the function which emulates the flash memory
using the on-chip RAM.
0: Disables RAM emulation function
1: Enables RAM emulation function (all blocks of the
user MAT are protected against programming and
erasing)
2
1
0
RAM2
RAM1
RAM0
0
0
0
R/W
R/W
R/W
Flash Memory Area Select
These bits select the user MAT area overlaid with the
on-chip RAM when RAMS = 1. The following areas
correspond to the 4-kbyte erase blocks.
000: H'000000 to H'000FFF (EB0)
001: H'001000 to H'001FFF (EB1)
010: H'002000 to H'002FFF (EB2)
011: H'003000 to H'003FFF (EB3)
100: H'004000 to H'004FFF (EB4)
101: H'005000 to H'005FFF (EB5)
110: H'006000 to H'006FFF (EB6)
111: H'007000 to H'007FFF (EB7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com