Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 950 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 950 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 946Page - Renesas Technology Corp H8SX1663 Datasheet HTML 947Page - Renesas Technology Corp H8SX1663 Datasheet HTML 948Page - Renesas Technology Corp H8SX1663 Datasheet HTML 949Page - Renesas Technology Corp H8SX1663 Datasheet HTML 950Page - Renesas Technology Corp H8SX1663 Datasheet HTML 951Page - Renesas Technology Corp H8SX1663 Datasheet HTML 952Page - Renesas Technology Corp H8SX1663 Datasheet HTML 953Page - Renesas Technology Corp H8SX1663 Datasheet HTML 954Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 950 / 1158 page
background image
Section 21 Flash Memory (0.18-
µm F-ZTAT Version)
Rev.1.00 Jun. 07, 2006 Page 898 of 1102
REJ09B0294-0100
(3) Flash Program/Erase Frequency Parameter (FPEFEQ: General Register ER0 of CPU)
FPEFEQ sets the operating frequency of the CPU. The operating frequency available in this LSI
ranges from 8 MHz to 50 MHz.
31
30
29
28
27
24
26
25
Bit
Bit Name
23
22
21
20
19
16
18
17
Bit
Bit Name
15
F15
14
F14
13
F13
12
F12
11
F11
8
F8
10
F10
9
F9
Bit
Bit Name
7
F7
6
F6
5
F5
4
F4
3
F3
0
F0
2
F2
1
F1
Bit
Bit Name
Bit
Bit Name
Initial
Value
R/W
Description
31 to 16
Unused
These bits should be cleared to 0.
15 to 0
F15 to F0
R/W
Frequency Set
These bits set the operating frequency of the CPU.
When the PLL multiplication function is used, set the
multiplied frequency. The setting value must be
calculated as follows:
1. The operating frequency shown in MHz units must
be rounded in a number of three decimal places and
be shown in a number of two decimal places.
2. The value multiplied by 100 is converted to the
binary digit and is written to FPEFEQ (general
register ER0).
For example, when the operating frequency of the CPU
is 35.000 MHz, the value is as follows:
1. The number of three decimal places of 35.000 is
rounded.
2. The formula of 35.00
× 100 = 3500 is converted to
the binary digit and B'0000 1101 1010 1100
(H'0DAC) is set to ER0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com