Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 949 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 949 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 945Page - Renesas Technology Corp H8SX1663 Datasheet HTML 946Page - Renesas Technology Corp H8SX1663 Datasheet HTML 947Page - Renesas Technology Corp H8SX1663 Datasheet HTML 948Page - Renesas Technology Corp H8SX1663 Datasheet HTML 949Page - Renesas Technology Corp H8SX1663 Datasheet HTML 950Page - Renesas Technology Corp H8SX1663 Datasheet HTML 951Page - Renesas Technology Corp H8SX1663 Datasheet HTML 952Page - Renesas Technology Corp H8SX1663 Datasheet HTML 953Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 949 / 1158 page
background image
Section 21 Flash Memory (0.18-
µm F-ZTAT Version)
Rev.1.00 Jun. 07, 2006 Page 897 of 1102
REJ09B0294-0100
Bit
Bit Name
Initial
Value
R/W
Description
5
EE
R/W
Erasure Execution Error Detect
Returns 1 when the user MAT could not be erased or
when the flash memory related register settings are
partially changed. If this bit is set to 1, there is a high
possibility that the user MAT has been erased partially.
In this case, after removing the error factor, erase the
user MAT.
0: Erasure has ended normally
1: Erasure has ended abnormally
4
FK
R/W
Flash Key Register Error Detect
Checks the FKEY value (H'5A) before erasure starts,
and returns the result.
0: FKEY setting is normal (H'5A)
1: FKEY setting is abnormal (value other than H'5A)
3
EB
R/W
Erase Block Select Error Detect
Checks whether the specified erase block number is in
the block range of the user MAT, and returns the result.
0: Setting of erase block number is normal
1: Setting of erase block number is abnormal
2, 1
Unused
These bits return 0.
0
SF
R/W
Success/Fail
Indicates the erasure result.
0: Erasure has ended normally (no error)
1: Erasure has ended abnormally (error occurs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com