Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 947 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 947 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 943Page - Renesas Technology Corp H8SX1663 Datasheet HTML 944Page - Renesas Technology Corp H8SX1663 Datasheet HTML 945Page - Renesas Technology Corp H8SX1663 Datasheet HTML 946Page - Renesas Technology Corp H8SX1663 Datasheet HTML 947Page - Renesas Technology Corp H8SX1663 Datasheet HTML 948Page - Renesas Technology Corp H8SX1663 Datasheet HTML 949Page - Renesas Technology Corp H8SX1663 Datasheet HTML 950Page - Renesas Technology Corp H8SX1663 Datasheet HTML 951Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 947 / 1158 page
background image
Section 21 Flash Memory (0.18-
µm F-ZTAT Version)
Rev.1.00 Jun. 07, 2006 Page 895 of 1102
REJ09B0294-0100
Bit
Bit Name
Initial
Value
R/W
Description
6
MD
R/W
Programming Mode Related Setting Error Detect
Detects the error protection state and returns the result.
When the error protection state is entered, this bit is set
to 1. Whether the error protection state is entered or not
can be confirmed with the FLER bit in FCCS. For
conditions to enter the error protection state, see section
21.8.3, Error Protection.
0: Normal operation (FLER = 0)
1: Error protection state, and programming cannot be
performed (FLER = 1)
5
EE
R/W
Programming Execution Error Detect
Writes 1 to this bit when the specified data could not be
written because the user MAT was not erased. If this bit
is set to 1, there is a high possibility that the user MAT
has been written to partially. In this case, after removing
the error factor, erase the user MAT.
0: Programming has ended normally
1: Programming has ended abnormally (programming
result is not guaranteed)
4
FK
R/W
Flash Key Register Error Detect
Checks the FKEY value (H'5A) before programming
starts, and returns the result.
0: FKEY setting is normal (H'5A)
1: FKEY setting is abnormal (value other than H'5A)
3
Unused
Returns 0.
2
WD
R/W
Write Data Address Detect
When an address not in the flash memory area is
specified as the start address of the storage destination
for the program data, an error occurs.
0: Setting of the start address of the storage
destination for the program data is normal
1: Setting of the start address of the storage
destination for the program data is abnormal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com