Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 960 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 960 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 956Page - Renesas Technology Corp H8SX1663 Datasheet HTML 957Page - Renesas Technology Corp H8SX1663 Datasheet HTML 958Page - Renesas Technology Corp H8SX1663 Datasheet HTML 959Page - Renesas Technology Corp H8SX1663 Datasheet HTML 960Page - Renesas Technology Corp H8SX1663 Datasheet HTML 961Page - Renesas Technology Corp H8SX1663 Datasheet HTML 962Page - Renesas Technology Corp H8SX1663 Datasheet HTML 963Page - Renesas Technology Corp H8SX1663 Datasheet HTML 964Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 960 / 1158 page
background image
Section 21 Flash Memory (0.18-
µm F-ZTAT Version)
Rev.1.00 Jun. 07, 2006 Page 908 of 1102
REJ09B0294-0100
(1) Features
• Bus power mode and self power mode are selectable.
• The PM4 pin supports the D+ pull-up control connection.
• For enumeration information, refer to table 21.7.
Table 21.7
Enumeration Information
USB standard
Ver.2.0 (Full speed)
Transfer mode
Transfer mode Control (in, out), Bulk (in, out)
For self power mode (PM3 = 0)
100 mA
Maximum power consumption
For bus power mode (PM3 = 1)
500 mA
Endpoint configuration
EP0 Control (in out) 8 bytes
Configuration 1
InterfaceNumber0
AlternateSetting0
EP1 Bulk (out) 64 bytes
EP2 Bulk (in) 64 bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com