Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 1024 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 1024 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 1020Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1021Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1022Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1023Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1024Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1025Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1026Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1027Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1028Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1024 / 1158 page
background image
Section 23 Power-Down Modes
Rev.1.00 Jun. 07, 2006 Page 972 of 1102
REJ09B0294-0100
Table 23.1 shows conditions to shift to a power-down mode, states of the CPU and peripheral
modules, and clearing method for each mode. After the reset state, since this LSI operates in
normal program execution state, the modules, other than the DMAC and DTC are stopped.
Table 23.1
Operating States
Operating State
Sleep Mode
All-Module-Clock-
Stop Mode
Software Standby
Mode
Hardware
Standby Mode
Transition
condition
Control register +
instruction
Control register +
instruction
Control register +
instruction
Pin input
Cancellation
method
Interrupt
Interrupt*
2
Interrupt*
5
Oscillator
Functioning
Functioning
Halted
Halted
Subclock oscillator Functioning*
6
Functioning*
6
Functioning*
6
Halted
CPU
Halted (retained)
Halted (retained)
Halted (retained)
Halted
Watchdog timer
Functioning
Functioning
Halted (retained)
Halted
8-bit timer
Functioning
Functioning*
4
Halted (retained)
Halted
32K timer
Functioning
Functioning
Functioning
Halted
Peripheral
modules
Functioning
Halted*
1
Halted*
1
Halted*
3
I/O port
Functioning
Retained
Retained
Hi-Z
Notes: "Halted (retained)" in the table means that the internal register values are retained and
internal operations are suspended.
1. SCI enters the reset state, and other peripheral modules retain their states.
2. External interrupt and some internal interrupts (8-bit timer, watchdog timer, and 32K
timer)
3. All peripheral modules enter the reset state.
4. "Functioning" or "Halted" is selectable through the setting of bits MSTPA9 and MSTPA8
in MSTPCRA. However, pin output is disabled even when "Functioning" is selected.
5. External interrupt and 32K timer interrupt
6. "Functioning" or "Halted" is selectable through the setting of bit OSC32STP in TCR32K.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com