Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 1021 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 1021 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 1017Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1018Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1019Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1020Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1021Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1022Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1023Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1024Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1025Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1021 / 1158 page
background image
Section 22 Clock Pulse Generator
Rev.1.00 Jun. 07, 2006 Page 969 of 1102
REJ09B0294-0100
Figure 22.11 shows the external circuitry recommended for the PLL circuit. Separate PLLVcc and
PLLVss from the other Vcc and Vss lines at the board power supply source, and be sure to insert
bypass capacitors CPB and CB close to the pins.
PLLVCC
PLLVSS
VCC
VSS
Rp: 100
Ω
CPB: 0.1 µF*
CB: 0.1 µF*
Note: * CB and CPB are laminated ceramic capacitors.
Figure 22.11 Recommended External Circuitry for PLL Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com