Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 1017 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 1017 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 1013Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1014Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1015Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1016Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1017Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1018Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1019Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1020Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1021Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1017 / 1158 page
background image
Section 22 Clock Pulse Generator
Rev.1.00 Jun. 07, 2006 Page 965 of 1102
REJ09B0294-0100
EXTAL
t
EXH
t
EXL
t
EXr
t
EXf
Vcc
× 0.5
Figure 22.5 External Clock Input Timing
22.3
PLL Circuit
The PLL circuit has the function of multiplying the frequency of the clock from the oscillator by a
factor of 4. The frequency multiplication rate is fixed. The phase difference is controlled so that
the timing of the rising edge of the internal clock is the same as that of the EXTAL pin signal.
22.4
Frequency Divider
The frequency divider divides the PLL clock to generate a 1/2, 1/4, or 1/8 clock. After the bits
ICK2 to ICK0, PCK 2 to PCK0, and BCK2 to BCK0 are updated, this LSI operates with the
updated frequency.
22.5
Subclock Oscillator
22.5.1
Connecting 32.768 kHz Crystal Resonator
To supply a clock to the subclock oscillator, connect a 32.768-kHz crystal resonator, as shown in
figure 22.6. The usage notes given in section 22.6.3, Notes on Board Design, apply to the
connection of this crystal resonator.
OSC1
OSC2
C1
C2
C1 = C2 = 15 pF (typ.)
Note: C1 and C2 are reference values that include the floating
capacitance of the board.
Figure 22.6 Connection Example of 32.768-kHz Crystal Resonator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com