Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 1013 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 1013 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 1009Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1010Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1011Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1012Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1013Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1014Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1015Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1016Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1017Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1013 / 1158 page
background image
Section 22 Clock Pulse Generator
Rev.1.00 Jun. 07, 2006 Page 961 of 1102
REJ09B0294-0100
Bit
Bit Name
Initial
Value
R/W
Description
3
0
R/W
Reserved
Although this bit is readable/writable, only 0 should be
written to.
2
1
0
BCK2
BCK1
BCK0
0
1
0
R/W
R/W
R/W
External Bus Clock (B
φ) Select
These bits select the frequency of the external bus
clock. The ratio to the input clock is as follows:
BCK (2:0) MD_CLK = 0
MD_CLK = 1
000:
× 4
× 2
001:
× 2
× 1
010:
× 1
× 1/2
011:
× 1/2
Setting prohibited
1XX:
Setting prohibited
The frequency of the external bus clock should be lower
than that of the system clock. Though these bits can be
set so as to make the frequency of the external bus
clock higher than that of the system clock, the clocks
will have the same frequency in reality.
Note:
X: Don't care
22.1.2
Subclock Control Register (SUBCKCR)
SUBCKCR stops the main clock oscillator, selects the operating clock of the system clock, and
selects the operating clock after a transition from software standby mode.
Bit
Bit Name
Initial Value
R/W
7
0
R/W
6
0
R/W
5
0
R/W
4
0
R/W
3
0
R/W
2
EXSTP
0
R/W
1
WAKE32K
0
R/W
0
CS32K
0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com