Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 1016 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 1016 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 1012Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1013Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1014Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1015Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1016Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1017Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1018Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1019Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1020Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1016 / 1158 page
background image
Section 22 Clock Pulse Generator
Rev.1.00 Jun. 07, 2006 Page 964 of 1102
REJ09B0294-0100
Figure 22.3 shows an equivalent circuit of the crystal resonator. Use a crystal resonator that has
the characteristics shown in table 22.3.
XTAL
CL
AT-cut parallel-resonance type
EXTAL
C0
LRs
Figure 22.3 Crystal Resonator Equivalent Circuit
Table 22.3
Crystal Resonator Characteristics
Frequency (MHz)
8
12
16
18
R
S Max. (Ω)
80
60
50
40
C
0 Max. (pF)
7
22.2.2
External Clock Input
An external clock signal can be input as the examples in Figure 22.4. When the XTAL pin is left
open, make the parasitic capacitance less than 10 pF. When the counter clock is input to the XTAL
pin, put the external clock in high level during standby mode.
EXTAL
XTAL
External clock input
Open
(a) XTAL pin left open
EXTAL
XTAL
External clock input
(b) Counter clock input on XTAL pin
Figure 22.4 External Clock Input (Examples)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com