Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 1009 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 1009 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 1005Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1006Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1007Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1008Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1009Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1010Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1011Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1012Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1013Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1009 / 1158 page
background image
Section 22 Clock Pulse Generator
Rev.1.00 Jun. 07, 2006 Page 957 of 1102
REJ09B0294-0100
Section 22 Clock Pulse Generator
This LSI has an on-chip clock pulse generator (CPG) that generates the system clock (I
φ),
peripheral module clock (P
φ), external bus clock (Bφ), 32K timer clock (SUBCK), and USB clock
(cku).
The clock pulse generator consists of a main clock oscillator, frequency divider, PLL (phase-
locked loop) circuit, subclock oscillator, waveform generation circuit, and selector. Figure 22.1 is
a block diagram of the clock pulse generator.
The frequency divider, PLL circuit, and selector can change the clock frequency. Software
changes the frequency through the setting of the system clock control register (SCKCR) and
subclock control register (SUBCKCR).
This LSI supports five clocks: a system clock provided to the CPU and bus masters, a peripheral
module clock provided to the peripheral modules, an external bus clock provided to the external
bus, a 32K timer clock, and a USB clock provided to the USB module. Frequencies of the
peripheral module clock, the external bus clock, and the system clock can be set independently,
although the peripheral module clock and the external bus clock operate with the frequency lower
than the system clock frequency.
The system clock, peripheral module clock, and external bus clock can be uniformly set to the
32.768 kHz subclock.
The USB module requires the 48-MHz clock. Set the external clock frequency and the MD_CLK
pin so that the USB clock (cku) frequency becomes 48 MHz.
Note that the MD_CLK pin setting also changes the frequencies of the peripheral module clock,
the external bus clock, and the system clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com