Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX1663 Datasheet(PDF) 1005 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 1005 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 1001Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1002Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1003Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1004Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1005Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1006Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1007Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1008Page - Renesas Technology Corp H8SX1663 Datasheet HTML 1009Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1005 / 1158 page
background image
Section 21 Flash Memory (0.18-
µm F-ZTAT Version)
Rev.1.00 Jun. 07, 2006 Page 953 of 1102
REJ09B0294-0100
(h) Boot Program State Inquiry
The boot program will return indications of its present state and error condition. This inquiry can
be made in the inquiry/selection state or the programming/erasing state.
Command
H'4F
• Command, H'4F, (one byte):
Inquiry regarding boot program's state
Response
H'5F
Size
Status
ERROR
SUM
• Response, H'5F, (one byte): Response to boot program state inquiry
• Size (one byte): The number of bytes. This is fixed to 2.
• Status (one byte): State of the boot program
• ERROR (one byte): Error status
ERROR = 0 indicates normal operation.
ERROR = 1 indicates error has occurred.
• SUM (one byte): Sum check
Table 21.16 Status Code
Code
Description
H'11
Device selection wait
H'12
Clock mode selection wait
H'13
Bit rate selection wait
H'1F
Programming/erasing state transition wait (bit rate selection is completed)
H'31
Programming state for erasure
H'3F
Programming/erasing selection wait (erasure is completed)
H'4F
Program data receive wait
H'5F
Erase block specification wait (erasure is completed)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com